Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS83940DI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS83940DI Datasheet HTML 1Page - Renesas Technology Corp ICS83940DI Datasheet HTML 2Page - Renesas Technology Corp ICS83940DI Datasheet HTML 3Page - Renesas Technology Corp ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Table 4C. DC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
LVCMOS_CLK
2
VDD
V
VIL
Input Low Voltage
LVCMOS_CLK
0.8
V
IIN
Input Current
±200
µA
VOH
Output High Voltage
IOH = -12mA
1.8
V
VOL
Output Low Voltage
IOL = 12mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 1
PCLK, nPCLK
300
1000
mV
VCMR
Common Mode Input
Voltage; NOTE 1, 2
PCLK, nPCLK
VDD – 1.4
VDD – 0.6
V
IDD
Power Supply Current
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com