Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS83940DI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 2Page - Renesas Technology Corp ICS83940DI Datasheet HTML 3Page - Renesas Technology Corp ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
NOTE: All parameters measured at 200MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output VDDO/2.
NOTE 2: Measured from VDD/2 to VDDO/2.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature and with equal
load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 6: Defined as skew between outputs on different devices, across temperature and voltage ranges, and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at VDDO/2.
Symbol Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tPLH
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ
 150MHz
1.6
3.0
ns
LVCMOS_CLK; NOTE 2, 5
ƒ
 150MHz
1.8
3.0
ns
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ > 150MHz
1.6
3.3
ns
LVCMOS_CLK; NOTE 2, 5
ƒ > 150MHz
1.8
3.2
ns
t
sk(o)
Output Skew;
NOTE 3, 5
PCLK, nPCLK
Measured on the Rising
Edge
at VDDO/2
150
ps
LVCMOS_CLK
150
ps
t
sk(pp)
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ
 150MHz
1.4
ns
LVCMOS_CLK
ƒ
 150MHz
1.2
ns
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ > 150MHz
1.7
ns
LVCMOS_CLK
ƒ > 150MHz
1.4
ns
Part-to-Part Skew;
NOTE 4, 5
PCLK, nPCLK
Measured on the Rising
Edge
at VDDO/2
850
ps
LVCMOS_CLK
750
ps
tR / tF
Output Rise/Fall Time
0.5V to 2.4V
0.3
1.1
ns
odc
Output Duty Cycle
ƒ < 134MHz
45
50
55
%
134MHz
 ƒ  250MHz
40
50
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com