Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS83940DI Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp ICS83940DI Datasheet HTML 14Page - Renesas Technology Corp ICS83940DI Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Application Information
Wiring the Differential Input to Accept Single-Ended Levels
Figure 1 shows how a differential input can be wired to accept single ended levels. The reference voltage VREF = VDD/2 is generated by
the bias resistors R1 and R2. The bypass capacitor (C1) is used to help filter noise on the DC bias. This bias circuit should be located as
close to the input pin as possible. The ratio of R1 and R2 might need to be adjusted to position the VREF in the center of the input voltage
swing. For example, if the input clock swing is 2.5V and VDD = 3.3V, R1 and R2 value should be adjusted to set VREF at 1.25V. The values
below are for when both the single ended swing and VDD are at the same voltage. This configuration requires that the sum of the output
impedance of the driver (Ro) and the series resistance (Rs) equals the transmission line impedance. In addition, matched termination at
the input will attenuate the signal in half. This can be done in one of two ways. First, R3 and R4 in parallel should equal the transmission
line impedance. For most 50
 applications, R3 and R4 can be 100. The values of the resistors can be increased to reduce the loading
for slower and weaker LVCMOS driver. When using single-ended signaling, the noise rejection benefits of differential signaling are
reduced. Even though the differential input can handle full rail LVCMOS signaling, it is recommended that the amplitude be reduced. The
datasheet specifies a lower differential amplitude, however this only applies to differential signals. For single-ended applications, the
swing can be larger, however VIL cannot be less than -0.3V and VIH cannot be more than VDD + 0.3V. Though some of the recommended
components might not be used, the pads should be placed in the layout. They can be utilized for debugging purposes. The datasheet
specifications are characterized and guaranteed by using a differential signal.
Figure 1. Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com