Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS83940DI Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp ICS83940DI Datasheet HTML 14Page - Renesas Technology Corp ICS83940DI Datasheet HTML 15Page - Renesas Technology Corp ICS83940DI Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
LVPECL Clock Input Interface
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both differential signals must meet the VPP and
VCMR input requirements. Figures 2A to 2E show interface
examples for the PCLK/nPCLK input driven by the most common
driver types. The input interfaces suggested here are examples
only. If the driver is from another vendor, use their termination
recommendation. Please consult with the vendor of the driver
component to confirm the driver termination requirements.
Figure 2A. PCLK/nPCLK Input Driven by a CML Driver
Figure 2C. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver
Figure 2E. PCLK/nPCLK Input Driven by an SSTL
Driver
Figure 2B. PCLK/nPCLK Input Driven by a
Built-In Pullup CML Driver
Figure 2D. PCLK/nPCLK Input Driven by a
3.3V LVPECL Driver with AC Couple
PCLK
nPCLK
LVPECL
Input
CML
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
3.3V
R1
50
Ω
R2
50
Ω
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
PCLK
nPCLK
3.3V
3.3V
LVPECL
LVPECL
Input
PCLK
nPCLK
LVPECL
Input
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120
PCLK
nPCLK
3.3V
LVPECL
Input
3.3V
Zo = 50
Ω
Zo = 50
Ω
R1
100
Ω
CML Built-In Pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com