Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB2 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # GFAB2
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB2 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button GFAB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 17Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 18Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 19Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 20Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
42
Direct acting 3 port solenoid valve for compressed air, manifold
(special purpose valve)
GFAG Series
Universal type
Port size: M5, Rc1/8, Rc1/4
Common specifications
Descriptions
Compressed air
0 to 1.2
(Refer to the maximum working pressure differential on the individual specifications)
1.8 (1.5 for GFAG11/GFAG21/GFAG31)
AC: -10 to 60, DC: -10 to 40 (no freezing)
AC: -20 to 40, DC: -20 to 40
B
No corrosive gas and flammable
Direct acting poppet structure
0.2 or less
Free
IP65 or equivalent (Note 1)
0.8
1.5
1
2
1.5
2
3
2
3
4
2
3
4
0.08
0.25
0.12
0.42
0.28
0.49
0.90
0.50
1.1
1.6
0.50
1.1
1.6
0.55
0.29
0.44
0.19
0.46
0.36
0.20
0.31
0.20
0.14
0.31
0.20
0.14
0.7
0.2
0.7
0.15
0.7
0.4
0.2
0.7
0.3
0.15
1.2 (0.6)
0.6 (0.3)
0.3 (0.15)
GFAG
Individual specifications
GFAG11 - Y
- 0
GFAG21 - Z
- 1
GFAG31 - 0
- 1
- 4
GFAG41 - 1
- 4
- 8
GFAG51 - 1
- 4
- 8
Port size
Orifice
(mm)
2 port
(Individual port)
1.3 port
(Common port)
50Hz
3.4
5.3
7.5
15
20
Voltage
Model no.
GFAG1
GFAG2
GFAG3/4/5
2mA or less
3mA or less
6mA or less
1mA or less
1.5mA or less
3mA or less
1mA
or less
2mA
or less
100 VAC
200 VAC
24 VDC
12 VDC
1.0
1.2
2.6
5
4.6
2.3/1.6
Rc 1/8
M5
Rc 1/4
Rc 1/4
Rc 1/8
Rc1/8
Rc 1/4
Rc 1/4
Rc 1/4
Rc 1/4
100 VAC
50/60Hz
110 VAC
60Hz
200 VAC
50/60Hz
220 VAC
60Hz
24 VDC
12 VDC
3
3.7
10
9
2.7/2
4
5.5
20
17
4/3.4
6.5
11
40
35
7.5/6.5
8
16
55
45
11 /9.5
11.5
60Hz 50Hz 60Hz
AC
50/60Hz
DC
Max.
working
pressure
MPa
Rated
voltage
Power consumption (W)
At holding At starting
Max. working
pressure
differential
MPa
Rated electric power (VA)
Descriptions
Model no.
Working fluid
Working pressure
differential range
Withstanding pressure (water pressure)
Fluid temperature
Ambient temperature
Heat proof class
Atmosphere
Valve structure
Valve seat leakage
Installation attitude
Protective structure
COM
COM
NO
(1)
(2)
(2)
(3)
NC
NO
NC
C[dm3/(s/bar)]
b
Flow
characteristics
Note 1: The T-type terminal box type is IP61 or equivalent, and the GFAG11 compact terminal box type is IP40 or equivalent.
*1: Use the allowable voltage fluctuation range within
10% of the rated voltage.
*2: The maximum working pressure difference at GFAG51 NO pressurization is shown in parentheses.
*3: The leakage current must be less than values given below.
*4: Effective sectional area S and sonic conductance C are converted as S
5.0 x C.
JIS symbol
Common supply /
common exhaust type
MPa
MPa
cm3/min. (ANR)
Refer to Ending 17 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com