Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GFAB2
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GFAB2 Datasheet HTML 10Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 11Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 12Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 17Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
FAG Series
39
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
How to order
<Example of model number>
I Voltage
*1: For FAG11 item (F) 2G, the compact terminal box (G1/4) is used.
*2: For FAG21 item (F) 2G and 2HS, the compact terminal box (Pg9) is used.
*3: For item (F) 2CS, the surge suppressor is built into the coil, and for 2HS and
3RS, it is built into the terminal box.
*4: Consult with CKD for other voltages that cannot be manufactured.
*1
*2
*3
*4
F
A
B
1
Working fluid
(Compressed air)
No. of port
(3 port valve)
A Size variation
B Actuation
C Port size
D Orifice
E Body, sealant combination
F Coil option
G Manual override
2C
G 1
1
Y
1
A
M5
Note on model no. selection
H Other options
FAG11-M5-Y-12CAB-1
Model: FAG
A Size variation
: 18 mm
B Actuation
: Universal type
C Port size
: M5
D Orifice
:
0.8
E Body, sealant combination
: Body - aluminum, sealant- NBR
F Coil option
: Grommet lead wire
G Manual override : Manual lock type
H Other options
: Mounting plate
I Voltage
: 100 VAC 50/60Hz, 110 VAC 60Hz
None
Manual locking
Manual non-locking
B
C
E
F
G
Descriptions
Symbol
A
1
2
3
4
5
18 mm
22 mm
28 mm
34 mm
40 mm
1
3
Universal type
NC pressurization type
M5
6
8
10
M5
Rc 1 / 8
Rc 1 / 4
Rc 3 / 8
Y
Z
0
1
4
8
2C
2CS
2G
2HS
2CG
2CH
3T
3RS
Blank
A
N
Blank
B
1
2
3
4
1
0.8
1
1.5
2
3
4
100 VAC 50/60Hz, 110 VAC 60Hz
200 VAC 50/60Hz, 220 VAC 60Hz
24 VDC
12 VDC
D
H
I
None
Mounting plate
NBR
Sealant
Body
Aluminum
Model no.
11
F
A
G
F
A
G
F
A
G
F
A
G
21 31
33
F
A
G
41
43
51
Select from the combination of
marks in the above table.
For voltages other than the above, write in the voltage directly.
Orifice
Body, sealant combination
Coil option
Manual override
Other options
Voltage
Port size
Size variation
Actuation
Standard
Standard
Option
Grommet lead wire
Grommet lead wire with
surge suppressor
DIN terminal box (Pg11)
DIN terminal box with light and
surge suppressor (Pg11)
Conduit (CTC19)
Conduit (G1/2)
T type terminal box (G1/2)
T type terminal box with light and
surge suppressor (G1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com