Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GFAB2
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GFAB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 17Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 18Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 19Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 20Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 21Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
45
GFAG Series
GFAG1
GFAG2
GFAG3
GFAG4
GFAG5
AB
C
8
8
11
11
11
DE
FG
H
J
K
L
M
N
P
Q
5
5
7
7
7
RS
T
U
Model no.
30
30
40
43
50
6.5
6.5
9
9
10
Rc1/8
Rc1/8
Rc1/4
Rc1/4
Rc1/4
55.5
70
84
93.5
100
65
81
96
107.5
116
13
15.5
18.5
22.5
26
17
19.5
22.5
26
29.5
19
21
28
31
34
20
26
32
38
46
GFAG1
GFAG2
GFAG3
GFAG4
GFAG5
23
88
98
110
120
138
152
162
176
192
206
456789
10
Model no.
AA
BB
AA
BB
AA
BB
AA
BB
AA
BB
48
58
58
68
74
88
86
100
100
114
68
78
84
94
106
120
124
138
146
160
108
118
136
146
170
184
200
214
238
252
128
138
162
172
202
216
238
252
284
298
148
158
188
198
234
248
276
290
330
344
168
178
214
224
266
280
314
328
376
390
188
198
240
250
298
312
352
366
422
436
208
218
266
276
330
344
390
404
468
482
16
18
24
24
24
22
27
33
33
33
18.5
20
27.5
34.5
38.5
20
26
32
38
46
M5
Rc1/8
Rc1/4
Rc1/4
Rc1/4
15
15
20
21.5
25
17
17
22
25
30
Symbol
Stn. no.
G
H
UB
A
4-C
JK
R
NP
R
AA
BB
2-S
n-Q
(Port 2)
Lead wire length 300mm
(Page 114)
Grommet lead wire type
GFAG*1-*-*-12C
4.5
4.5
6.5
6.5
6.5
Dimensions: Manifold
25
30
36
43
50
GFAG1
GFAG2
GFAG3
GFAG4
GFAG5
A
33.5
43
51
60.5
67
B
43
54
63
74.5
83
C
13
15.5
18.5
22.5
26
D
17
19.5
22.5
26
29.5
E
18
22
28
34
40
F
Model no.
Dimensions: Actuator
DE
A
F
* Lead wire length 300mm
(Page 114)
Grommet lead wire type
GFAG*1-*-0-12C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com