Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB2 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GFAB2
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB2 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GFAB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 17Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 18Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 19Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 20Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 21Page - List of Unclassifed Manufacturers GFAB2 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
43
GFAG Series
*1: For the number of manifold stations, select a number of stations from 2 to 10.
*2: For the type with masking plate, designate the item (D) as "X", then
designate the number of (I) solenoid valves and (J) masking plates.
*3: For GFAG11 item (F) 2G, the compact terminal box (G1/4) is used.
*4: For GFAG21 item (F) 2G and 2HS, the compact terminal box (Pg9) is used.
*5: For item (F) 2CS, the surge suppressor is built into the coil, and for 2HS
and 3RS, it is built into the terminal box.
*6: Consult with CKD for other voltages that cannot be manufactured.
*7: Solenoid valves are arranged from the right side facing the sub-plate A
(independent) port.
*8: Orders for only the masking plate and sub-plate are also available. Contact
CKD for details.
<Example of model number>
J Masking plate
quantity
*6
How to order
2C
Z
F
G
A G
2
1
5
1
N
1
Working fluid
(Compressed air)
H Voltage
G Manual override
*3
*4
*5
F Coil option
E Body, sealant combination
*2
D Station no.
*1
C Orifice
No. of port
(3 port valve)
F
G
A
N
2
1
4
1
1
G
3
2G
X
1
Note on model no. selection
Manifold with masking plate
Manifold
A Size variation
B Circuit
structure
I Solenoid
valve quantity
*7
GFAG21-Z-5-12CN-1
Model: GFAG
A Size variation
: 22 mm
B Circuit structure : Common supply / common exhaust type
C Orifice
:
1
D Station no.
: 5 stations
E Body, sealant combination
: Body - PPS, sealant - NBR
F Coil option
: Grommet lead wire
G Manual override : Manual non-locking
H Voltage
: 100 VAC 50/60Hz, 110 VAC 60Hz
I J
: Without masking plate
Descriptions
Symbol
Model no.
11
G
F
A
G
G
F
A
G
G
F
A
G
21
G
F
A
G
31
G
F
A
G
41 51
18 mm
22 mm
28 mm
34 mm
40 mm
1
2
3
4
5
Y
Z
O
1
4
8
100 VAC 50/60Hz, 110 VAC 60Hz
200 VAC 50/60Hz, 220 VAC 60Hz
24 VDC
12 VDC
1
2
3
4
No masking plate
One solenoid valve
Nine solenoid valves
Blank
1
9
2 stations
10 stations
Actuator only
With masking plate
2
10
O
X
Common supply / common exhaust type
1
Standard Grommet lead wire
Grommet lead wire with
surge suppressor
DIN terminal box (Pg11)
DIN terminal box with light and
surge suppressor (Pg11)
Conduit (CTC19)
Conduit (G1/2)
T type terminal box (G1/2)
T type terminal box with light
and surge suppressor (G1/2)
2C
2CS
2G
2HS
2CG
2CH
3T
3RS
Body
PPS
Sealant
NBR
1
to
to
to
Standard None
Manual non-locking type
Blank
N
Option
No masking plate
One masking plate
Nine masking plates
Blank
1
9
to
to
to
A
Size variation
B
Circuit structure
C
Orifice
D
Station no.
E
Body, sealant combination
F
Coil option
G
Manual override
H
Voltage
I
Solenoid valve quantity
J
Masking plate quantity
0.8
1
1.5
2
3
4
For voltages other than the above, write in the voltage directly.
Select from the combination of
marks in the above table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com