| Electronic Components Datasheet Search |
|
723634L15PFG Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
723634L15PFG Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 35 page ![]() 32 COMMERCIALTEMPERATURERANGE IDT723624/723634/723644 CMOS SyncBiFIFO™ WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 Figure 26. Timing for AFB when FIFO2 is Almost-Full (IDT Standard and FWFT Modes) Figure 27. Timing for Mail1 Register and MBF1 Flag (IDT Standard and FWFT Modes) NOTE: 1. If Port B is configured for word size, data can be written to the Mail1 register using A0-A17 (A18-A35 are don't care inputs). In this first case B0-B17 will have valid data (B18-B35 will be indeterminate). If Port B is configured for byte size, data can be written to the Mail1 Register using A0-A8 (A9-A35 are don't care inputs). In this second case, B0-B8 will have valid data (B9-B35 will be indeterminate). NOTES: 1. tSKEW2 is the minimum time between a rising CLKB edge and a rising CLKA edge for AFB to transition HIGH in the next CLKB cycle. If the time between the rising CLKB edge and rising CLKA edge is less than tSKEW2, then AFB may transition HIGH one CLKB cycle later than shown. 2. FIFO2 write (CSB = LOW, W/RB = LOW, MBB = LOW), FIFO2 read (CSA = LOW, W/RA = LOW, MBA = LOW). Data in the FIFO2 output register has been read from the FIFO. 3. D = Maximum FIFO Depth = 256 for the IDT723624, 512 for the IDT723634, 1,024 for the IDT723644. 4. If Port B size is word or byte, AFB is set LOW by the last word or byte write of the long word, respectively. AFB CLKB ENA 3270 drw28 ENB CLKA 12 tSKEW2 tENH tPAF tENS2 tENH tPAF [D-(Y2+1)] Words in FIFO2 (D-Y2) Words in FIFO2 (1) tENS2 3270 drw29 CLKA ENA A0-A35 MBA CSA W/ RA CLKB MBF1 CSB MBB ENB B0-B35 W/RB W1 tENS1 tENH tDS tDH tPMF tPMF tENS2 tENH tDIS tEN tMDV tPMR FIFO1 Output Register W1 (Remains valid in Mail1 Register after read) tENH tENH tENH tENS1 tENS2 tENS2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |