Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGLS12864TZ-HT-LED03 Datasheet(PDF) 4 Page - Varitronix international limited

Part # MGLS12864TZ-HT-LED03
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864TZ-HT-LED03 Datasheet(HTML) 4 Page - Varitronix international limited

  MGLS12864TZ-HT-LED03 Datasheet HTML 1Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 2Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 3Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 4Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 5Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 6Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 7Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 8Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 9Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VL-FS-MGLS12864TZ-10 REV. A
(MGLS12864TZ-HT-LED03 )
JUN/2004
PAGE 4 OF 12
VARITRONIX LIMITED
Specification
of
LCD Module Type
Model No.: MGLS12864TZ-10
1. General Description
•
128 x 64 dot matrix STN Positive Yellow Transflective LCD graphic module.
•
Driving scheme: 1/64 duty, 1/9 bias.
•
Viewing direction: 6 O’clock.
•
‘TOSHIBA’ T6963C-0101 (Flat pack) or equivalent LCD controller.
•
‘DRAGON DRIVER’ SA3086A (Die form) LCD Segment/Common Drivers or equivalent.
•
8K bytes display SRAM.
•
Yellow-Green LED03 backlight.
2. Mechanical Specifications
The mechanical detail is shown in Fig. 1 and summarized in Table 1 below.
Table 1
Parameter
Specifications
Unit
Outline dimensions
78.0(W) x 70.0(H) x 13.5 MAX. (D)
mm
Viewing area
62.0(W) x 44.0(H)
mm
Active area
56.27(W) x 38.35(H)
mm
Display format
128(Horizontal) x 64(Vertical)
dots
Dot size
0.39(W) x 0.55(H)
mm
Dot spacing
0.05(W) x 0.05(H)
mm
Dot pitch
0.44(W) x 0.60(H)
mm
Weight
TBD
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com