Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGLS12864TZ-HT-LED03 Datasheet(PDF) 7 Page - Varitronix international limited

Part # MGLS12864TZ-HT-LED03
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864TZ-HT-LED03 Datasheet(HTML) 7 Page - Varitronix international limited

Back Button MGLS12864TZ-HT-LED03 Datasheet HTML 3Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 4Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 5Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 6Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 7Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 8Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 9Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 10Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 11Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VL-FS-MGLS12864TZ-10 REV. A
(MGLS12864TZ-HT-LED03 )
JUN/2004
PAGE 7 OF 12
3.
Interface signals
Table 2
Pin No.
Symbol
Description
1
FG
Frame ground (see note 1).
2
VSS
Ground (0V).
3
VDD
Power supply for logic (+5V).
4
V0
Power supply for LCD drive.
5
/WR
Data write. Write data to controller T6963C when “L”.
6
/RD
Data read. Read data from controller T6963C when “L”.
7
/CE
Chip enable for T6963C.
/CE must be “Low” when CPU communicates with T6963C.
8
C/D
/WR = “Low” …..C/D=”High”: Command Write C/D=”Low”: Data Write.
/RD = “Low” ….. C/D=”High”: Status Read
C/D=”Low”: Data Read.
9
/RST
“High”: Normal (T6963C has internal pull-up resistor).
“Low”: Initialize T6963C. Text and graphic have addresses and text and
graphic area settings are retained.
10
DB0
Data input/output (LSB).
11
DB1
Data input/output.
12
DB2
Data input/output.
13
DB3
Data input/output.
14
DB4
Data input/output.
15
DB5
Data input/output.
16
DB6
Data input/output.
17
DB7
Data input/output (MSB).
18
FS
Font select.
“H” for 6 x 8 font &
“L” for 8 x 8 font
19
LED+
Anode of LED backlight
20
LED-
Cathode of LED backlight
Note 1:
This pin is electrically connected to the metal bezel (frame).
User can choose to connect this pin to VSS or leave it open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com