Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGLS12864TZ-HT-LED03 Datasheet(PDF) 8 Page - Varitronix international limited

Part # MGLS12864TZ-HT-LED03
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864TZ-HT-LED03 Datasheet(HTML) 8 Page - Varitronix international limited

Back Button MGLS12864TZ-HT-LED03 Datasheet HTML 4Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 5Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 6Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 7Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 8Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 9Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 10Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 11Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 12Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
VL-FS-MGLS12864TZ-10 REV. A
(MGLS12864TZ-HT-LED03 )
JUN/2004
PAGE 8 OF 12
4.
Absolute Maximum Ratings
4.1
Electrical Maximum Ratings (Ta = 25 ºC)
Table 3
Parameter
Symbol
Min.
Max.
Unit
Supply voltage (Logic)
VDD - VSS
-0.3
+7.0
V
Supply voltage (LCD drive)
VLCD=VDD – V0
0
+30.0
V
Input voltage
Vin
-0.3
VDD +3.0
V
Note:
The modules may be destroyed if they are used beyond the absolute maximum ratings.
All voltage values are referenced to VSS = 0V.
4.2
Environmental Condition
Table 4
Operating
Temperature
(Topr)
Storage
Temperature
(Tstg)
Item
Min.
Max.
Min.
Max.
Remark
Ambient Temperature
-20
°C
+70
°C
-30
°C
+80
°C Dry
Humidity
95% max. RH for Ta
≤ 40°C
< 95% RH for Ta > 40
°C
no condensation
Vibration (IEC 68-2-6)
cells must be mounted
on a suitable connector
Frequency: 10
∼ 55 Hz
Amplitude: 0.75 mm
Duration: 20 cycles in each direction.
3 directions
Shock (IEC 68-2-27)
Half-sine pulse shape
Pulse duration: 11 ms
Peak acceleration: 981 m/s
2 = 100g
Number of shocks: 3 shocks in 3
mutually perpendicular axes.
3 directions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com