Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGLS12864TZ-HT-LED03 Datasheet(PDF) 9 Page - Varitronix international limited

Part # MGLS12864TZ-HT-LED03
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS12864TZ-HT-LED03 Datasheet(HTML) 9 Page - Varitronix international limited

Back Button MGLS12864TZ-HT-LED03 Datasheet HTML 4Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 5Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 6Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 7Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 8Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 9Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 10Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 11Page - Varitronix international limited MGLS12864TZ-HT-LED03 Datasheet HTML 12Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VL-FS-MGLS12864TZ-10 REV. A
(MGLS12864TZ-HT-LED03 )
JUN/2004
PAGE 9 OF 12
5.
Electrical Specifications
5.1 Typical Electrical Characteristics
At Ta = 25
°C, VDD = 5V±5%,VSS = 0V.
Table 5
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
(Logic)
VDD-VSS
4.75
5.0
5.25
V
Supply voltage
(LCD)
VLCD
=VDD-V0
VDD = 5V,
Note (1)
15.5
16.0
16.5
V
“H” level
VDD-2.2
-
VDD
V
Input signal voltage
VIN
“L” level
0
-
0.8
V
Character mode,
VDD = 5V. Note (1)
-
7.3
11.0
mA
Supply current
(Logic & LCD)
IDD
Checker board mode,
VDD = 5V. Note (1)
-
7.5
11.3
mA
Character mode,
Note (1)
-
3.4
5.1
mA
Supply Current
(LCD)
I0
Checker board mode,
Note (1)
-
3.4
5.1
mA
Supply current of
yellow-green LED03
backlight
VLED03
Forward current
=100mA
No. of LED chips
=20.
3.8
4.0
4.2
V
Note (1): There is tolerance in optimum LCD driving voltage during production and it will be
within the specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com