Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5303 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5303
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5303 Datasheet HTML 1Page - ON Semiconductor CS5303 Datasheet HTML 2Page - ON Semiconductor CS5303 Datasheet HTML 3Page - ON Semiconductor CS5303 Datasheet HTML 4Page - ON Semiconductor CS5303 Datasheet HTML 5Page - ON Semiconductor CS5303 Datasheet HTML 6Page - ON Semiconductor CS5303 Datasheet HTML 7Page - ON Semiconductor CS5303 Datasheet HTML 8Page - ON Semiconductor CS5303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CS5303
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 53.6 k, CCOMP = 0.1 μF, CREF = 0.1μF, DAC Code 10000, CVCC = 1.0 μF, ILIM ≥ 1 V;unless other-
wise specified)
Characteristic
Test Conditions
Min
Typ
Max
Unit
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATE(H)
V(VFB) = V(CSREF) = 1.0 V, V(COMP) = 1.5 V
60 mV step applied between VCSX and VCREF
−
350
515
ns
Channel Start Up Offset
V(CS1) = V(CS2) = V(CS3) = V(VFB) = 0.3
V(CSREF) = 0 V; Measure V(COMP) when
GATE1(H), 2(H), 3(H) switch high
0.4
0.5
−
V
Gate(H) and Gate(L)
High Voltage (AC)
Note 4 Measure VCCLX − Gate(L) or
VCCHX − Gate(H)
−
0
1.0
V
Low Voltage (AC)
Note 4, Measure Gate(L) or Gate(H)
−
0
0.5
V
Rise Time Gate(H)x
1.0 V < GATE < 8.0 V; VCCHX = 10 V
−
35
80
ns
Rise Time Gate(L)x
1.0 V < GATE < 8.0 V; VCCLX = 10 V
−
35
80
ns
Fall Time Gate(H)x
8.0 V > GATE > 1.0 V; VCCHX = 10 V
−
35
80
ns
Fall Time Gate(L)
8.0 V > GATE > 1.0 V; VCCLX = 10 V
−
35
80
ns
Gate(H) to Gate(L) Delay
Gate(H) < 2.0 V, Gate(L) > 2 V
30
65
110
ns
Gate(L) to Gate(H) Delay
Gate(L) < 2.0 V, Gate(H) > 2 V
30
65
110
ns
GATE Pull−down
Force 100 μA into Gate Driver with no power
applied to VCCHX and VCCLX = 2 V.
−
1.2
1.6
V
Oscillator
Switching Frequency
Measure any phase (ROSC = 53.6 k)
220
250
280
kHz
Switching Frequency
Note 4 Measure any phase (ROSC = 32.4 k)
300
400
500
kHz
Switching Frequency
Note 4 Measure any phase (ROSC = 16.2 k)
600
800
1000
kHz
ROSC Voltage
−
−
1.00
−
V
Phase Delay
−
105
120
135
deg
Adaptive Voltage Positioning
VDRP Output Voltage to DACOUT
Offset
CS1 = CS2 = CS3 = CSREF, VFB = COMP
Measure VDRP − COMP
−20
−
20
mV
Maximum VDRP Voltage
|(CS1 = CS2 = CS3) − CREF| = 50 mV,
VFB = COMP, Measure VDRP − COMP
360
465
570
mV
Current Sense Amp to VDRP Gain
−
2.4
3.0
3.8
V/V
Current Sensing and Sharing
CS1−CS3 Input Bias Current
V(CSx) = V(CSREF) = 0 V
−
0.2
2.0
μA
CSREF Input Bias Current
−
−
0.6
6.0
μA
Current Sense Amplifiers Gain
−
3.8
4.3
4.8
V/V
Current Sense Amp Mismatch
(The sum of offset and gain errors)
Note 4 0 ≤ (CSx − CSREF) ≤ 50 mV
−5.0
−
5.0
mV
Current Sense Amplifiers Input
Common Mode Range Limit
Note 4 7 V < VCCLL1 < 12 V
0
−
VCCLL1 − 2
V
Current Sense Input to ILIM Gain
0.25 V < ILIM < 1.20 V
5.0
6.5
8.0
V/V
Current Limit Filter Slew Rate
Note 4
7.5
15.0
40.0
mV/μs
4. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com