Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5303 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5303
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5303 Datasheet HTML 1Page - ON Semiconductor CS5303 Datasheet HTML 2Page - ON Semiconductor CS5303 Datasheet HTML 3Page - ON Semiconductor CS5303 Datasheet HTML 4Page - ON Semiconductor CS5303 Datasheet HTML 5Page - ON Semiconductor CS5303 Datasheet HTML 6Page - ON Semiconductor CS5303 Datasheet HTML 7Page - ON Semiconductor CS5303 Datasheet HTML 8Page - ON Semiconductor CS5303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CS5303
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 53.6 k, CCOMP = 0.1 μF, CREF = 0.1μF, DAC Code 10000, CVCC = 1.0 μF, ILIM ≥ 1 V; unless
otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Voltage Identification DAC (0 = Connected to VSS; 1 = Open or Pull−up to 3.3 V)
0
1
1
1
1
1.460
1.475
1.490
V
0
1
1
1
0
1.485
1.500
1.515
V
0
1
1
0
1
1.510
1.525
1.540
V
0
1
1
0
0
1.535
1.550
1.566
V
0
1
0
1
1
1.559
1.575
1.591
V
0
1
0
1
0
1.584
1.600
1.616
V
0
1
0
0
1
1.609
1.625
1.641
V
0
1
0
0
0
1.634
1.650
1.667
V
0
0
1
1
1
1.658
1.675
1.692
V
0
0
1
1
0
1.683
1.700
1.717
V
0
0
1
0
1
1.708
1.725
1.742
V
0
0
1
0
0
1.733
1.750
1.768
V
0
0
0
1
1
1.757
1.775
1.793
V
0
0
0
1
0
1.782
1.800
1.818
V
0
0
0
0
1
1.807
1.825
1.843
V
0
0
0
0
0
1.832
1.850
1.869
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.00
1.25
1.50
V
Input Pull−up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
Pull−up Voltage
3.15
3.30
3.45
V
Voltage Feedback Error Amplifier
VFB Bias Current (Note 2)
1.0 V < VFB < 1.9 V
16.8
19.0
21.5
μA
COMP Source Current
COMP = 0.5 V to 2.0 V;
VFB = 1.8 V; DAC = 00000
15
30
60
μA
COMP Sink Current
COMP = 0.5 V to 2.0 V;
VFB = 1.9 V; DAC = 00000
15
30
60
μA
COMP Discharge Threshold Voltage
0.20
0.27
0.34
V
Transconductance
−10 μA < ICOMP < +10 μA
32
mmho
Output Impedance
2.5
Open Loop DC Gain
Note 3
60
90
Unity Gain Bandwidth
0.01 μF COMP Capacitor
400
kHz
PSRR @ 1 kHz
70
dB
COMP Max Voltage
VFB = 1.8 V; COMP Open; DAC = 00000
2.4
2.7
V
COMP Min Voltage
VFB = 1.9 V; COMP Open; DAC = 00000
0.1
0.2
V
Hiccup Latch Discharge Current
2.0
5.0
10
μA
COMP Discharge Ratio
4.0
6.0
10
2. The VFB Bias Current changes with the value of ROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com