Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5303 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5303
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5303 Datasheet HTML 1Page - ON Semiconductor CS5303 Datasheet HTML 2Page - ON Semiconductor CS5303 Datasheet HTML 3Page - ON Semiconductor CS5303 Datasheet HTML 4Page - ON Semiconductor CS5303 Datasheet HTML 5Page - ON Semiconductor CS5303 Datasheet HTML 6Page - ON Semiconductor CS5303 Datasheet HTML 7Page - ON Semiconductor CS5303 Datasheet HTML 8Page - ON Semiconductor CS5303 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 14
1
Publication Order Number:
CS5303/D
CS5303
Three−Phase Buck
Controller with Integrated
Gate Drivers
The CS5303 is a three−phase step down controller which
incorporates all control functions required to power high performance
processors and high current power supplies. Proprietary multi−phase
architecture guarantees balanced load current distribution and reduces
overall solution cost in high current applications. Enhanced V2™
control architecture provides the fastest possible transient response,
excellent overall regulation, and ease of use.
The CS5303 multi−phase architecture reduces output voltage and
input current ripple, allowing for a significant reduction in inductor
values and a corresponding increase in inductor current slew rate. This
approach allows a considerable reduction in input and output capacitor
requirements, as well as reducing overall solution size and cost.
Features
• Enhanced V2 Control Method
• 5−Bit DAC with 1.0% Accuracy
• Adjustable Output Voltage Positioning
• 6 On−Board Gate Drivers
• 200 kHz to 800 kHz Operation Set by Resistor
• Current Sensed through Buck Inductors, Sense Resistors,
or V−S Control
• Hiccup Mode Current Limit
• Individual Current Limits for Each Phase
• On−Board Current Sense Amplifiers
• 3.3 V, 1.0 mA Reference Output
• 5.0 V and/or 12 V Operation
• On/Off Control (through COMP Pin)
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
CS5303GDW28
SO−28L
27 Units/Rail
CS5303GDWR28
SO−28L
1000 Tape & Reel
PIN CONNECTIONS
SO−28L
DW SUFFIX
CASE 751F
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MARKING DIAGRAM
1
CS5303
AWLYYWW
28
1
28
1
28
GndL2
VID0
Gate(H)2
CSREF
VCCH12
CS3
Gate(H)1
CS2
Gnd1
CS1
Gate(L)1
VDRP
VCCLL1
VFB
ROSC
COMP
Gate(L)2
VID1
VCCL23
VID2
Gnd3
VID4
Gate(L)3
VID3
Gate(H)3
ILIM
VCCH3
REF


Similar Part No. - CS5303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
CS5332 ONSEMI-CS5332 Datasheet
400Kb / 20P
Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
July, 2006 ??Rev. 11
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com