Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5303 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CS5303
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CS5303 Datasheet HTML 3Page - ON Semiconductor CS5303 Datasheet HTML 4Page - ON Semiconductor CS5303 Datasheet HTML 5Page - ON Semiconductor CS5303 Datasheet HTML 6Page - ON Semiconductor CS5303 Datasheet HTML 7Page - ON Semiconductor CS5303 Datasheet HTML 8Page - ON Semiconductor CS5303 Datasheet HTML 9Page - ON Semiconductor CS5303 Datasheet HTML 10Page - ON Semiconductor CS5303 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CS5303
http://onsemi.com
7
PACKAGE PIN DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
28 Lead SO Wide
FUNCTION
PIN SYMBOL
14
REF
Reference output. Decouple with 0.1 μF to GndL2
15
VCCH3
Power for Gate(H)3.
16
Gate(H)3
High side driver #3.
17
Gnd3
Return for #3 drivers.
18
Gate(L)3
Low side driver #3.
19
VCCL23
Power for Gate(L)2 and Gate(L)3.
20
Gate(L)2
Low side driver #2.
21
GndL2
Return for #2 driver, internal control circuits and IC substrate
connection.
22
Gate(H)2
High side driver #2.
23
VCCH12
Power for Gate(H)1 and Gate(H)2. UVLO Sense for High
Side Driver supply connects to this pin.
24
Gate(H)1
High side driver #1.
25
Gnd1
Return for #1 drivers.
26
Gate(L)1
Low side driver #1.
27
VCCLL1
Power for internal control circuits and Gate(L)1. UVLO Sense
for Logic and Low Side Driver supply connects to this pin.
28
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com