Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166PW Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC166PW
Description  8-bit parallel-in/serial out shift register
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC166PW Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC166PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Nexperia
74HC166; 74HCT166
8-bit parallel-in/serial out shift register
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND (ground = 0 V); tr = tf = 6 ns: CL = 50 pF unless otherwise specified; for test circuit, see Fig. 11
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ Max
Min
Max
Min
Max
Unit
74HC166
CP to Q7; see Fig. 8
[1]
VCC = 2.0 V
-
50
150
-
190
-
225
ns
VCC = 4.5 V
-
18
30
-
38
-
45
ns
VCC = 5.0 V; CL = 15 pF
-
15
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
MR to Q7; see Fig. 9
VCC = 2.0 V
-
47
160
-
200
-
240
ns
VCC = 4.5 V
-
17
32
-
40
-
48
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
-
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
14
27
-
34
-
41
ns
output; see Fig. 8
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tt
transition
time
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CP input HIGH or LOW;
see Fig. 8
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR input LOW; see Fig. 9
VCC = 2.0 V
100
25
-
125
-
150
-
ns
VCC = 4.5 V
20
9
-
25
-
30
-
ns
tW
pulse width
VCC = 6.0 V
17
7
-
21
-
26
-
ns
MR to CP; see Fig. 9
VCC = 2.0 V
0
-19
-
0
-
0
-
ns
VCC = 4.5 V
0
-7
-
0
-
0
-
ns
trec
recovery
time
VCC = 6.0 V
0
-6
-
0
-
0
-
ns
Dn, CE to CP; see Fig. 10
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
PE to CP; see Fig. 10
VCC = 2.0 V
100
33
-
125
-
150
-
ns
VCC = 4.5 V
20
12
-
25
-
30
-
ns
tsu
set-up time
VCC = 6.0 V
17
10
-
21
-
26
-
ns
74HC_HCT166
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 9 August 2021
8 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com