Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166PW Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC166PW
Description  8-bit parallel-in/serial out shift register
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC166PW Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC166PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Nexperia
74HC166; 74HCT166
8-bit parallel-in/serial out shift register
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ Max
Min
Max
Min
Max
Unit
Dn, CE to CP; see Fig. 10
VCC = 2.0 V
2
-8
-
2
-
2
-
ns
VCC = 4.5 V
2
-3
-
2
-
2
-
ns
VCC = 6.0 V
2
-2
-
2
-
2
-
ns
PE to CP; see Fig. 10
VCC = 2.0 V
0
-28
-
0
-
0
-
ns
VCC = 4.5 V
0
-10
-
0
-
0
-
ns
th
hold time
VCC = 6.0 V
0
-8
-
0
-
0
-
ns
CP input; see Fig. 8
VCC = 2.0 V
6
19
-
4.8
-
4
-
MHz
VCC = 4.5 V
30
57
-
24
-
20
-
MHz
VCC = 5.0 V; CL = 15 pF
-
63
-
-
-
-
-
MHz
fmax
maximum
frequency
VCC = 6.0 V
35
68
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC
[3]
-
41
-
-
-
-
-
pF
74HCT166
CP to Q7; see Fig. 8
[1]
VCC = 4.5 V
-
23
40
-
50
-
60
ns
VCC = 5.0 V; CL = 15 pF
-
20
-
-
-
-
-
ns
MR to Q7; see Fig. 9
VCC = 4.5 V
-
22
40
-
50
-
60
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
19
-
-
-
-
-
ns
output; see Fig. 8
[2]
tt
transition
time
VCC = 4.5 V
-
7
15
-
19
-
22
ns
CP input HIGH or LOW;
see Fig. 8
VCC = 4.5 V
20
9
-
25
-
30
-
ns
MR input LOW; see Fig. 9
tW
pulse width
VCC = 4.5 V
25
11
-
31
-
38
-
ns
MR to CP; see Fig. 9
trec
recovery
time
VCC = 4.5 V
0
-7
-
0
-
0
-
ns
Dn, CE to CP; see Fig. 10
VCC = 4.5 V
16
8
-
20
-
24
-
ns
PE to CP; see Fig. 10
tsu
set-up time
VCC = 4.5 V
30
15
-
38
-
45
-
ns
Dn, CE to CP; see Fig. 10
VCC = 4.5 V
0
-3
-
0
-
0
-
ns
PE to CP; see Fig. 10
th
hold time
VCC = 4.5 V
0
-13
-
0
-
0
-
ns
CP input; see Fig. 8
VCC = 4.5 V
25
45
-
20
-
17
-
MHz
fmax
maximum
frequency
VCC = 5.0 V; CL = 15 pF
-
50
-
-
-
-
-
MHz
74HC_HCT166
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 9 August 2021
9 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com