Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166PW Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74HC166PW
Description  8-bit parallel-in/serial out shift register
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC166PW Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74HC166PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Nexperia
74HC166; 74HCT166
8-bit parallel-in/serial out shift register
aaa-008823
VM
VI
GND
VI
GND
VI
GND
VI
GND
VI
GND
VM
see note (1)
CE input
PE input
Dn input
VM
VM
DS input
stable
VM
CP input
condition: MR = HIGH
stable
th
th
th
tsu
tsu
tsu
th
th
tsu
th
tsu
th
tW
tsu
tsu
The shaded areas indicate when the input is permitted to change for predictable output performance
Measurement points are given in Table 8.
(1) CE may change only from HIGH-to-LOW while CP is LOW
Fig. 10. Set-up and hold times
Table 8. Measurement points
Input
Output
Type
VI
VM
VM
74HC166
VCC
0.5VCC
0.5VCC
74HCT166
3 V
1.3 V
1.3 V
74HC_HCT166
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 9 August 2021
11 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com