Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC166PW Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HC166PW
Description  8-bit parallel-in/serial out shift register
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC166PW Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HC166PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC166PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Nexperia
74HC166; 74HCT166
8-bit parallel-in/serial out shift register
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Min Typ Max
Min
Max
Min
Max
Unit
CPD
power
dissipation
capacitance
per package;
VI = GND to VCC - 1.5 V
[3]
-
41
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC 2 x fi + Σ (CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ (CL x VCC 2 x fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
10.1. Waveforms and test circuit
aaa-008821
CP input
Q7 output
90 %
10 %
10 %
90 %
GND
VM
VI
VOH
VOL
VM
tW
tPHL
tPLH
tTLH
tTHL
1/fmax
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 8. Clock (CP) to output (Q7) propagation delays, pulse width, output transition times and maximum
frequency
aaa-008822
Q7 output
VM
tPHL
VM
MR input
VM
tW
VI
GND
trec
VI
VOH
VOL
GND
CP input
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 9. Master reset (MR) pulse width, MR to output (Q7) propagation delay and MR to clock (CP) recovery time
74HC_HCT166
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 9 August 2021
10 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com