Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSG14K_CSG8K Datasheet(PDF) 55 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 55 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 51Page - ams AG CSG14K_CSG8K Datasheet HTML 52Page - ams AG CSG14K_CSG8K Datasheet HTML 53Page - ams AG CSG14K_CSG8K Datasheet HTML 54Page - ams AG CSG14K_CSG8K Datasheet HTML 55Page - ams AG CSG14K_CSG8K Datasheet HTML 56Page - ams AG CSG14K_CSG8K Datasheet HTML 57Page - ams AG CSG14K_CSG8K Datasheet HTML 58Page - ams AG CSG14K_CSG8K Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 54
Figure 57:
Recommended ROI Selection and Resulting Output Image Format in IMG.1 and IMG.4
10-Bit and 12-Bit Short Exposure Modes (IMG.2 and IMG.5)
The 10-bit and 12-bit short exposure modes target the usage of a minimal exposure time. These
modes should only be used when very short exposure times are required. The short exposure modes
have the following limitations:
●
Pipelined exposure is not possible. This means a new exposure cannot be started when the
readout of the previous frame is still ongoing.
●
Shutter lag matching cannot be disabled. This means it is not possible to start exposure
immediately after the exposure request.
The maximum recommended exposure time in the short exposure modes is limited to 100 µs. For
longer exposure times, it is recommended to use the default modes (IMG.1 or IMG.4).
The image readout area and output image format is identical to the default modes (IMG.1 and IMG.4),
as shown in Figure 57.
10-Bit Small Window Mode (IMG.3)
The 10-bit small window mode result in an increased maximum frame rate when the vertical ROI is
limited. The frame rate increase is achieved by disabling the pixel control signal drivers in the unused
part of the image array, which reduces the required time of the global sample period.
The small window modes have the following limitations:
●
The vertical ROI is limited to a centered window of maximum 2x200 rows. Rows outside this
centered region cannot be read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com