Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSG14K_CSG8K Datasheet(PDF) 66 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 66 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 62Page - ams AG CSG14K_CSG8K Datasheet HTML 63Page - ams AG CSG14K_CSG8K Datasheet HTML 64Page - ams AG CSG14K_CSG8K Datasheet HTML 65Page - ams AG CSG14K_CSG8K Datasheet HTML 66Page - ams AG CSG14K_CSG8K Datasheet HTML 67Page - ams AG CSG14K_CSG8K Datasheet HTML 68Page - ams AG CSG14K_CSG8K Datasheet HTML 69Page - ams AG CSG14K_CSG8K Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 65
Figure 71:
PLL_MULT, PLL_WRAP_MAIN_DIV, PLL_WRAP_ADC_DIV and RG_CTRL Calculation
Target Output Data Rate
PLL_WRAP_MAIN_DIV
PLL_WRAP_ADC_DIV
RG_CTRL
250
– 375 Mbit/s
IMG.1-5,7: 3
IMG.1-3: 3
IMG.4-5: 2
IMG.7: 3
IMG.1-3: 1
IMG.4-5: 11
IMG.7: 1
375
– 475 Mbit/s
IMG.1-5,7: 2
IMG.1-3: 2
IMG.4-5: 1
IMG.7: 2
IMG.1-3: 11
IMG.4-5: 21
IMG.7: 11
475
– 750 Mbit/s
IMG.1-5,7: 2
IMG.1-3: 2
IMG.4-5: 1
IMG.7: 2
IMG.1-3: 11
IMG.4-5: 21
IMG.7: 11
750
– 1000 Mbit/s
IMG.1-5,7: 1
IMG.1-3: 1
IMG.4-5: 0
IMG.7: 1
IMG.1-3: 21
IMG.4-5: 31
IMG.7: 21
1000
– 1250 Mbit/s
IMG.1-3,7: 1
IMG.4-5,
IMG.1-3: 1
IMG.4-5: NA
IMG.7: 1
IMG.1-3: 21
IMG.4-5: NA
IMG.7: 21
The parameters PLL_WRAP_ADC_DIV and RG_CTRL depend on the targeted output data rate as
shown in the table above.
The effective data rate is calculated with the following formula:
Equation 2:
������������������������������������������������������_������������������������_������������������������ [������������������������] =
������������������������_������������[������������������] ∙ ������������������_������������������
2������������������_������������������������_������������������������_������������������
Note that due to the flooring operation in calculating the parameters, the targeted data cannot be
reached exactly for every possible input clock frequency (see example 1 below).
Figure 72:
Calculation Examples
Parameter
Example 1
Example 2
Image mode
IMG.4
IMG.4
fclk_in
12 MHz
12.5 MHz
Targeted data rate
700 Mbit/s
1000 Mbit/s
PLL_WRAP_ADC_DIV
2
1
PLL_WRAP_MAIN_DIV
2
1
PLL_DIV
233
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com