Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSG14K_CSG8K Datasheet(PDF) 79 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 79 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 75Page - ams AG CSG14K_CSG8K Datasheet HTML 76Page - ams AG CSG14K_CSG8K Datasheet HTML 77Page - ams AG CSG14K_CSG8K Datasheet HTML 78Page - ams AG CSG14K_CSG8K Datasheet HTML 79Page - ams AG CSG14K_CSG8K Datasheet HTML 80Page - ams AG CSG14K_CSG8K Datasheet HTML 81Page - ams AG CSG14K_CSG8K Datasheet HTML 82Page - ams AG CSG14K_CSG8K Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 78
Figure 92:
Valid Row Addresses
Region
Row Address Range (14 K)
Row Address Range (8 K)
Active pixels
60 … 3659
772 … 2947
Recommended pixels
68 … 3651
780 … 2939
Bottom buffer pixels
0 … 59
0 … 59
Top buffer pixels
3660 … 3719
3660 … 3719
ROI Settings
The sensor allows up to 10 vertical windows to be concatenated in one single frame readout.
Each of these windows is enabled by setting their bit in YWIN_ENA
to ‘1’ (bit [0] = YWIN0, [1] =
YWIN1
…).
Each of these windows is configured with an YWINi register that defines the position, size and sub-
sampling of the window. The 31 bits of each YWINi register span 4 physical SPI addresses. In the
table below, only the start address is given (the upper address being 21+4×i).
The readout direction of all windows can be changed from the default incrementing addresses (bottom
to top) to decrementing addresses (top to bottom) with the YWIN_DIR register. Using a different
setting for this register on both sides of the readout allows for reading out from center to edge or vice
versa.
Figure 93:
Vertical Windows Registers
Register Name
Bank
Addr
Bits
Description
YWIN_ENA
4
28-29
[9:0]
One bit per window
0: Disable
1: Enable
YWIN_BLACK
0
15
[9:0]
One bit per
window to control the ‘Electrical Black’ mode
0: Disable
1: Enable
YWIN_DIR
0
17
[0:0]
Direction of readout addresses
0: Count upwards
1: Count downwards
YWINi.SIZE
0
18+4×i
[13:0]
Number of read out rows in window i
YWINi.START
0
18+4×i
[27:14]
Physical address of first row in window i
YWINi.SUBS
0
18+4×i
[30:28]
Row subsampling in window i
Ratio = 1/(2SUBS)
The START address of a window should comply with the values in Figure 92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com