Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTRA260502M-V1-R3K Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
GTRA260502M
®
Rev. 02, 2021-06-09
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Typical Performance (cont.)
-25
-20
-15
-10
-5
0
-50
-40
-30
-20
-10
0
2250
2350
2450
2550
2650
2750
Frequency (MHz)
Single-carrier WCDMA Broadband
VDD = 48 V, IDQ = 25 mA,
VPK = –5.0 V, POUT = 39 dBm
3GPP WCDMA signal
10 dB PAR, 3.84 MHz bandwidth
ACP Up
ACP Low
Return Loss
gtra260502m-gr4
0
10
20
30
40
50
60
70
80
8
10
12
14
16
18
20
22
24
25
28 31
34 37
40 43 46
49
Output Power (dBm)
Pulsed CW Performance at various VDD
IDQ = 25 mA, VPK = –5.0 V
20 µs pulse width, 10% duty cycle,
ƒ = 2700 MHz
46 V Gain
48 V Gain
50 V Gain
46 V Eff
48 V Eff
50 V Eff
gtra260502m-gr6
0
10
20
30
40
50
60
70
80
8
10
12
14
16
18
20
22
24
25 28 31 34 37 40 43 46 49
Output Power (dBm)
Pulsed CW Performance
VDD = 48 V, IDQ = 25 mA, VPK = –5.0 V
20 µs pulse width, 10% duty cycle
2500 MHz Gain
2600 MHz Gain
2700 MHz Gain
2500 MHz Eff
2600 MHz Eff
2700 MHz Eff
gtra260502m-gr5
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
2000
2200
2400
2600
2800
3000
Frequency (MHz)
Small Signal CW Performance
Gain and Input Return Loss
VDD = 48 V,
IDQ =25 mA, VPK = –5.0 V
IRL
Gain
gtra260502m-gr7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com