Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTRA260502M-V1-R3K Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
GTRA260502M
®
Rev. 04, 2023--06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Evaluation Board (cont.)
Components Table
Component
Description
Manufacturer
P/N
C1, C5
Capacitor, 1.2 pF, 0805
ATC
ATC600F1R2JT250XT
C2, C6, C7, C18, C20, C21
Capacitor, 10 µF, 100v, 1210
Murata
GRM32EC72A106KE05L
C3
Capacitor, 12pF, 0805
ATC
ATC600F120JT250XT
C4, C12
Capacitor, 15 pf, 0805
ATC
ATC600F150JT250XT
C8, C22
Capacitor, 47 µF, 80 V, FK
Panasonic
EEE-FK1K470P
C9, C10, C11, C14, C15, C16,
C17, C19
Capacitor, 18 pf, 0805
ATC
ATC600F180JT250XT
C13
Capacitor, 2.2 pF, 0805
ATC
ATC600F2R2JT250XT
R1, R2
Resistor, 5.1 ohm, 0603
R3
Resistor, 50 ohm, 8 W, 1206
Anaren
C8A50Z4A
X1
RF Directional Coupler, 3 dB,
2.3-2.7 GHz, 0805
Anaren
C2327J5003AHF
Bias Sequencing GaN
Bias OFF
1. Turn RF off
2. Appliy pinch-off voltage to the gate
3. Turn off drain voltage
4. Turn off gate voltage
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
* It is recommended that all pins labelled "N/C" be connected to ground
Pinout Diagram (Package PG-DFN-6.5x7-1, top view)
Pin
Description
1
RFIN (main)
2
N/C*
3
RFIN (peak)
4
RFOUT (peak)
5
N/C*
6
RFOUT (main)
S
Ground (package, bottom metallization)
Index
Marking
3
2
1
Main
Peak
6
5
Bottom
Metallization



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com