Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GTRA260502M-V1-R3K Datasheet(PDF) 8 Page - WOLFSPEED, INC.

Part # GTRA260502M-V1-R3K
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 50 W, 48 V, 2515 – 2675 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA260502M-V1-R3K Datasheet(HTML) 8 Page - WOLFSPEED, INC.

  GTRA260502M-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 8Page - WOLFSPEED, INC. GTRA260502M-V1-R3K Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
GTRA260502M
®
Rev. 02, 2021-06-09
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-26
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994
2. Package dimensions: 6.50 mm X 7.00 mm X 0.90 mm
3. Primary dimensions are mm; alternate dimensions are inches
4. Pinout Diagram on previous page
5. Tin plating thickness: 7 to 15 micron [275.6 to 590.6 microinch]
6. Coplanarity applies to all terminals and flange
Package Outline Specifications
Package PG-DFN-6.5x7-1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
3.60±0.10
[.142±.004]
6X 0.02+0.03
-0.02
[ .001
+.001
-.001
] SPH
7.00
[.276]
6.50
[.256]
6X 0.90±0.10
[.035±.004]
INDEX
MARKING
S
A$C46D902E1.DWG_pg-dfn-6.5x7-1_PO_4-22-20_bn
4X 1.60
[.063]
5.31±0.10
[.209±.004]
6X 1.00±0.10
[.039±.004]
6X 0.80±0.05
[.031±.002]
B
A
0.05 C
0.05
0.05 C
0.05 C
0.10 C
0.08 C
C
0.10
C AB
0.05
C
32
1
45
6
INDEX
MARKING
RIGHT VIEW
6.
0.40
[.016]
0.40
[.016]
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com