Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2011-000002 Datasheet(PDF) 31 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor 2011-000002 Datasheet HTML 34Page - Samsung semiconductor 2011-000002 Datasheet HTML 35Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
R515
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R516
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R517
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R518
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R519
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R520
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R521
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R522
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R523
2007-000084
R-CHIP
4.7Kohm,5%,1/16W,DA,TP,1608
R524
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R525
2007-000075
R-CHIP
220ohm,5%,1/16W,DA,TP,1608
R526
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R527
2007-000076
R-CHIP
330ohm,5%,1/16W,DA,TP,1608
R528
2007-000075
R-CHIP
220ohm,5%,1/16W,DA,TP,1608
R529
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R530
2007-000076
R-CHIP
330ohm,5%,1/16W,DA,TP,1608
R531
2007-000078
R-CHIP
1Kohm,5%,1/16W,DA,TP,1608
R532
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R533
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R534
2007-000077
R-CHIP
470ohm,5%,1/16W,DA,TP,1608
R535
2007-000078
R-CHIP
1Kohm,5%,1/16W,DA,TP,1608
R536
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R537
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R538
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R539
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R540
2007-000092
R-CHIP
15Kohm,5%,1/16W,DA,TP,1608
R541
2007-000092
R-CHIP
15Kohm,5%,1/16W,DA,TP,1608
R542
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R543
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R544
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R545
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R546
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R547
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R548
2007-000109
R-CHIP
1Mohm,5%,1/16W,DA,TP,1608
R549
2007-000075
R-CHIP
220ohm,5%,1/16W,DA,TP,1608
R550
2007-000078
R-CHIP
1Kohm,5%,1/16W,DA,TP,1608
R551
2007-000077
R-CHIP
470ohm,5%,1/16W,DA,TP,1608
R552
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R555
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R556
2007-000074
R-CHIP
100ohm,5%,1/16W,DA,TP,1608
R601
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R602
2007-000070
R-CHIP
0ohm,5%,1/16W,DA,TP,1608
R603
2007-000090
R-CHIP
10Kohm,5%,1/16W,DA,TP,1608
R604
2007-000120
R-CHIP
680ohm,5%,1/16W,DA,TP,1608
R605
2007-000071
R-CHIP
22ohm,5%,1/16W,DA,TP,1608
RA301
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
RA302
2011-000002
R-NETWORK
22ohm,5%,1/16W,L,CHIP,8P,ST
7 Electrical Parts List
SyncMaster 770TFT
7-11
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com