Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2011-000002 Datasheet(PDF) 23 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 19Page - Samsung semiconductor 2011-000002 Datasheet HTML 20Page - Samsung semiconductor 2011-000002 Datasheet HTML 21Page - Samsung semiconductor 2011-000002 Datasheet HTML 22Page - Samsung semiconductor 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
C327
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C328
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C329
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C330
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C332
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C333
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C334
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C335
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C354
2203-000384
C-CERAMIC,CHIP
15pF,5%,50V,NPO,TP,1608
C355
2203-000384
C-CERAMIC,CHIP
15pF,5%,50V,NPO,TP,1608
C356
2203-000384
C-CERAMIC,CHIP
15pF,5%,50V,NPO,TP,1608
C357
2203-000257
C-CERAMIC,CHIP
10nF,10%,50V,X7R,TP,1608
C401
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C402
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C403
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C404
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C405
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C406
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C407
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C408
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C409
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C410
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C411
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C412
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C413
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C414
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C415
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C416
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C417
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C418
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C419
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C420
2404-000123
C-TA,CHIP
10uF,20%,16V,6032,2.9mm,TP
C421
2203-000384
C-CERAMIC,CHIP
15pF,5%,50V,NPO,TP,1608
C422
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C423
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C424
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C425
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C426
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C427
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C428
2402-000176
C-AL,SMD
10uF,20%,16V,GP,TP,4.3x4.3x5.4
C429
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C430
2203-000292
C-CERAMIC,CHIP
10pF,5%,50V,NPO,TP,1608
C431
2404-000123
C-TA,CHIP
10uF,20%,16V,6032,2.9mm,TP
C432
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C433
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C434
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C435
2203-000384
C-CERAMIC,CHIP
15pF,5%,50V,NPO,TP,1608
7 Electrical Parts List
SyncMaster 770TFT
7-3
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com