Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2011-000002 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 21Page - Samsung semiconductor 2011-000002 Datasheet HTML 22Page - Samsung semiconductor 2011-000002 Datasheet HTML 23Page - Samsung semiconductor 2011-000002 Datasheet HTML 24Page - Samsung semiconductor 2011-000002 Datasheet HTML 25Page - Samsung semiconductor 2011-000002 Datasheet HTML 26Page - Samsung semiconductor 2011-000002 Datasheet HTML 27Page - Samsung semiconductor 2011-000002 Datasheet HTML 28Page - Samsung semiconductor 2011-000002 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
C608
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C609
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C610
2404-000123
C-TA,CHIP
10uF,20%,16V,6032,2.9mm,TP
C611
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C612
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C613
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C614
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C615
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C616
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C617
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C618
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C619
2404-000123
C-TA,CHIP
10uF,20%,16V,6032,2.9mm,TP
C620
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C621
2404-001075
C-TA,CHIP
100uF,20%,16V,GP,TP,7343
C622
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C623
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C624
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
C625
2402-001042
C-AL,SMD
100uF,20%,16V,GP,TP,6.6x6.6x5.
C626
2203-005005
C-CERAMIC,CHIP
100nF,15%,16V,W5R,TP,1608,1.6m
CA300
2503-001018
C-NETWORK
15PFX4,10%,50V
CA301
2503-001018
C-NETWORK
15PFX4,10%,50V
CA302
2503-001018
C-NETWORK
15PFX4,10%,50V
CA303
2503-001018
C-NETWORK
15PFX4,10%,50V
CA304
2503-001018
C-NETWORK
15PFX4,10%,50V
CA305
2503-001018
C-NETWORK
15PFX4,10%,50V
CA306
2503-001018
C-NETWORK
15PFX4,10%,50V
CA307
2503-001018
C-NETWORK
15PFX4,10%,50V
CA308
2503-001018
C-NETWORK
15PFX4,10%,50V
CA309
2503-001018
C-NETWORK
15PFX4,10%,50V
CA310
2503-001018
C-NETWORK
15PFX4,10%,50V
CA311
2503-001018
C-NETWORK
15PFX4,10%,50V
CA401
2503-001018
C-NETWORK
15PFX4,10%,50V
CA402
2503-001018
C-NETWORK
15PFX4,10%,50V
CA403
2503-001018
C-NETWORK
15PFX4,10%,50V
CA404
2503-001018
C-NETWORK
15PFX4,10%,50V
CA405
2503-001018
C-NETWORK
15PFX4,10%,50V
CA406
2503-001018
C-NETWORK
15PFX4,10%,50V
CA407
2503-001018
C-NETWORK
15PFX4,10%,50V
CA408
2503-001018
C-NETWORK
15PFX4,10%,50V
CA409
2503-001018
C-NETWORK
15PFX4,10%,50V
CA410
2503-001018
C-NETWORK
15PFX4,10%,50V
CA411
2503-001018
C-NETWORK
15PFX4,10%,50V
CA412
2503-001018
C-NETWORK
15PFX4,10%,50V
CN101
3722-000117
JACK-DC POWER
3P,3.5mm,AG,BLK,NO
CN102
3711-002050
CONNECTOR-HEADER
BOX,10P,1R,1.25mm,SMD-A,SN
CN103
3711-000556
CONNECTOR-HEADER
BOX,12P,1R,1.25mm,SMD-A,SN
CN201
3701-001129
CONNECTOR-DSUB
15P,3R,FEMALE,ANGLE,AUF
7 Electrical Parts List
SyncMaster 770TFT
7-5
Loc. No.
Code No.
Description
Specification
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com