Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2011-000002 Datasheet(PDF) 34 Page - Samsung semiconductor

Part # 2011-000002
Description  Color Monitor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

2011-000002 Datasheet(HTML) 34 Page - Samsung semiconductor

Back Button 2011-000002 Datasheet HTML 30Page - Samsung semiconductor 2011-000002 Datasheet HTML 31Page - Samsung semiconductor 2011-000002 Datasheet HTML 32Page - Samsung semiconductor 2011-000002 Datasheet HTML 33Page - Samsung semiconductor 2011-000002 Datasheet HTML 34Page - Samsung semiconductor 2011-000002 Datasheet HTML 35Page - Samsung semiconductor 2011-000002 Datasheet HTML 36Page - Samsung semiconductor 2011-000002 Datasheet HTML 37Page - Samsung semiconductor 2011-000002 Datasheet HTML 38Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
7 Electrical Parts List
7-14
SyncMaster 770TFT
LCD
BN07-10001D
LCD
LT17OX2-131, 404*322.5*25,IPS
PROCESS-PBA UNIT
BN94-00022B
ASS’Y PCB
DV17MSS
S/CABLE
BN39-20001E
CBF-SIGNAL
DET,1830MM,15P/15P,IVORY,UL29
P/CORD
BH39-10339Z
CBF-POWER/CORD
DET,RVV3,250V/10A,BLK,18
CHINA
BH39-10005A
CBF-POWER/CORD
CAP,1200MM, 250V/10A, BLK,18
UK, THAILAND
BH39-10007A
CBF-POWER/CORD
WALL,1830MM,250V/6A,IVY
SEG,SESA,SEF
BH39-10339E
CBF-POWER/CORD
DET,SVT,125V 7A/10A,IVY
SEA,SESA
BH39-10006A
CBF-POWER/CORD
WALL,1830MM,250V/10A,IVY
SEAU
ADAPTER
BN44-00024A
INVERTER
BN13-10001H
!
!
Loc. No.
Code No.
Description
Specification
Remarks
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com