Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C8150AND Datasheet(PDF) 30 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 30 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 32Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 33Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 34Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 30 of 111
APRIL 2006 – Revision 1.1
When the master repeats the transaction and starts transferring prefetchable read data from
data buffers while the read transaction on the target bus is still in progress and before a read
boundary is reached on the target bus, the read transaction starts operating in flow-through
mode. Because data is flowing through the data buffers from the target to the initiator, long
read bursts can then be sustained. In this case, the read transaction is allowed to continue
until the initiator terminates the transaction, or until an aligned 4KB address boundary is
reached, or until the buffer fills, whichever comes first. When the buffer empties,
PI7C8150A reflects the stalled condition to the initiator by disconnecting the initiator with
data. The initiator may retry the transaction later if data are needed. If the initiator does not
need any more data, the initiator will not continue the disconnected transaction. In this
case, PI7C8150A will start the master timeout timer. The remaining read data will be
discarded after the master timeout timer expires. To provide better latency, if there are any
other pending data for other transactions in the RDB (Read Data Buffer), the remaining
read data will be discarded even though the master timeout timer has not expired.
PI7C8150A implements a master timeout timer that starts counting when the delayed read
completion is at the head of the delayed transaction queue, and the read data is at the head
of the read data queue. The initial value of this timer is programmable through
configuration register. If the initiator does not repeat the read transaction and before the
master timeout timer expires (2
15 default), PI7C8150A discards the read transaction and
read data from its queues. PI7C8150A also conditionally asserts P_SERR_L (see Section
6.4).
PI7C8150A has the capability to post multiple delayed read requests, up to a maximum of
four in each direction. If an initiator starts a read transaction that matches the address and
read command of a read transaction that is already queued, the current read command is not
posted as it is already contained in the delayed transaction queue.
See Section 5 for a discussion of how delayed read transactions are ordered when crossing
PI7C8150A.
3.6.7
FAST BACK-TO-BACK READ TRANSACTION
PI7C8150A can recognize fast back-to-back read transactions.
3.7
CONFIGURATION TRANSACTIONS
Configuration transactions are used to initialize a PCI system. Every PCI device has a
configuration space that is accessed by configuration commands. All registers are
accessible in configuration space only.
In addition to accepting configuration transactions for initialization of its own
configuration space, the PI7C8150A also forwards configuration transactions for device
initialization in hierarchical PCI systems, as well as for special cycle generation.
To support hierarchical PCI bus systems, two types of configuration transactions are
specified: Type 0 and Type 1.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com