Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P048 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD75P048
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P048 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD75P048 Datasheet HTML 34Page - Renesas Technology Corp UPD75P048 Datasheet HTML 35Page - Renesas Technology Corp UPD75P048 Datasheet HTML 36Page - Renesas Technology Corp UPD75P048 Datasheet HTML 37Page - Renesas Technology Corp UPD75P048 Datasheet HTML 38Page - Renesas Technology Corp UPD75P048 Datasheet HTML 39Page - Renesas Technology Corp UPD75P048 Datasheet HTML 40Page - Renesas Technology Corp UPD75P048 Datasheet HTML 41Page - Renesas Technology Corp UPD75P048 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
36
µPD75P048
8. RECOMMENDED SOLDERING CONDITIONS
It is recommended that
µPD75P048besolderedunderthefollowingconditions. Fordetailsontherecommended
soldering conditions, refer to Information Document "Semiconductor Devices Mounting Manual" (IEI-1207). For
other soldering methods and conditions, consult NEC.
Table 8-1 Soldering Conditions of Surface-Mount Type
µPD75P048GC-AB8: 64-pin plastic QFP (
14 mm)
Soldering Method
Soldering Conditions
Symbol for Recommended
Condition
Infrared Reflow
Package peak temperature: 235
°C,
IR35-00-2
time: 30 seconds max. (210
°C min.),
number of times: 2 max.
<Caution>
(1) Start second reflow after device temperature
(which has risen because of first reflow) has returned to
room temperature.
(2) Do not clean flux with water after first reflow.
VPS
Package peak temperature: 215
°C,
VP15-00-2
time: 40 seconds max. (200
°C min.),
number of times: 1 max.
<Caution>
(1) Start second reflow after device temperature
(which has risen because of first reflow) has returned to
room temperature.
(2) Do not clean flux with water after first reflow.
Pin Partial Heating
Pin temperature: 300
°C max.,
—
time: 3 seconds max. (per side)
Caution Do not use two or more soldering methods in combination (except the pin partial heating method).
Table 8-2 Soldering Conditions of Through-Hole Type
µPD75P048CW: 64-pin plastic shrink DIP (750 mil)
Soldering Method
Soldering Conditions
Wave soldering
Soldering bath temperature: 260
°C max.,
(lead parts only)
time: 10 seconds max.,
Pin Partial Heating
Pin temperature: 260oC max.,
time: 10 seconds max.
Caution The wave soldering must be performed at the lead part only. Note that the soldering must not be
directly contacted to the board.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com