Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P048 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75P048
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P048 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75P048 Datasheet HTML 17Page - Renesas Technology Corp UPD75P048 Datasheet HTML 18Page - Renesas Technology Corp UPD75P048 Datasheet HTML 19Page - Renesas Technology Corp UPD75P048 Datasheet HTML 20Page - Renesas Technology Corp UPD75P048 Datasheet HTML 21Page - Renesas Technology Corp UPD75P048 Datasheet HTML 22Page - Renesas Technology Corp UPD75P048 Datasheet HTML 23Page - Renesas Technology Corp UPD75P048 Datasheet HTML 24Page - Renesas Technology Corp UPD75P048 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
19
µPD75P048
MAIN SYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS
(Ta = -10 to +70
°C, VDD = 2.7 to 6.0 V)
Oscillator
Recommended
Item
Conditions
MIN.
TYP.
MAX.
Unit
Constants
Ceramic
Oscillation
VDD = oscillation
frequency(fX) Note 1
voltage range
2.0
5.0
Note 3
MHz
Oscillation stabiliza-
After VDD come to
tion time Note 2
MIN. value of
oscillation voltage
4ms
range
Crystal
Oscillation
2.0
4.19
5.0
Note 3
MHz
frequency (fX) Note 1
Oscillation stabiliza-
VDD = 4.5 to 6.0 V
10
ms
tion time Note 2
30
ms
External Clock
X1 input frequency
(fX) Note 1
2.0
5.0
Note 3
MHz
X1 input high-,
low-level widths
100
250
ns
(tXH, tXL)
Note 1. Only to express the characteristics of the oscillator circuit. For instruction execution time, refer to
AC Characteristics.
2. Time required for oscillation to stabilize after VDD has reached the minimum volue of the oscillation
voltage range or the STOP mode has been released.
3. When the oscillation frequency is 4.19 MHz < fx
≤ 5.0 MHz, do not select PCC = 0011 as the instruction
execution time: otherwise, one machine cycle is set to less than 0.95
µs, falling short of the rated
minimum value of 0.95
µs.
Caution When using the oscillation circuit of the main system clock, wire the portion enclosed in dotted
line in the figures as follows to avoid adverse influences on the wiring capacity:
•
Keep the wiring length as short as possible.
•
Do not cross the wiring over the other signal lines.
•
Do not route the wiring in the vicinity of lines through which a high alternating current flows.
•
Always keep the ground point of the capacitor of the oscillator circuit at the same potential as
VDD. Do not connect the ground pattern through which a high curent flows.
•
Do not extract signals from the oscillation circuit.
X1
X2
C1
C2
VDD
X1
X2
C1
C2
VDD
X1
X2
PD74HCU04
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com