Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P048 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD75P048
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P048 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD75P048 Datasheet HTML 24Page - Renesas Technology Corp UPD75P048 Datasheet HTML 25Page - Renesas Technology Corp UPD75P048 Datasheet HTML 26Page - Renesas Technology Corp UPD75P048 Datasheet HTML 27Page - Renesas Technology Corp UPD75P048 Datasheet HTML 28Page - Renesas Technology Corp UPD75P048 Datasheet HTML 29Page - Renesas Technology Corp UPD75P048 Datasheet HTML 30Page - Renesas Technology Corp UPD75P048 Datasheet HTML 31Page - Renesas Technology Corp UPD75P048 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
26
µPD75P048
A/D CONVERTER (Ta = -10 to +70
°C, VDD = 2.7 to 6.0V, AVSS = VSS = 0V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
8
8
8
bit
Absolute Accuracy Note 1
2.5V
≤ AVREF ≤ VDD
±1.5
LSB
Conversion Time Note 2
tCONV
168/fX
µs
Sampling Time Note 3
tSAMP
44/fX
µs
Analog Input Voltage
VIAN
AVREF-
AVREF+
V
Analog Supply Voltage
AVDD
2.5
VDD
V
Reference Input Voltage
AVREF+
2.5V
≤ (AVref+) – (AVref-)
2.5
AVDD
V
Reference Input Voltage
AVREF-
2.5V
≤ (AVref+) – (AVref-)
0
1.0
V
Analog Input Impedance
RAN
1000
M
Ω
AVREF Current
AIREF
0.25
2.0
mA
Note 1. Absolute accuracy excluding quantization error (
± 1–
2 LSB)
2. Time since execution of conversion start instruction until end of conversion (EOC = 1) (40.1
µs: fX = 4.19
MHz)
3. Time since execution of conversion start instruction until end of sampling (10.5
µs: fX = 4.19 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com