Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD75P048 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD75P048
Description  MOS INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P048 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD75P048 Datasheet HTML 9Page - Renesas Technology Corp UPD75P048 Datasheet HTML 10Page - Renesas Technology Corp UPD75P048 Datasheet HTML 11Page - Renesas Technology Corp UPD75P048 Datasheet HTML 12Page - Renesas Technology Corp UPD75P048 Datasheet HTML 13Page - Renesas Technology Corp UPD75P048 Datasheet HTML 14Page - Renesas Technology Corp UPD75P048 Datasheet HTML 15Page - Renesas Technology Corp UPD75P048 Datasheet HTML 16Page - Renesas Technology Corp UPD75P048 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
11
µPD75P048
Type F-A
Type M-C
P-ch
VDD
N-ch
IN/OUT
Data
Output
disable
P.U.R.: Pull-Up Resistor
Type F-B
Type Y
P-ch
VDD
IN/OUT
Data
Output
disable
P.U.R.
enable
Type D
P.U.R.
Type B
P.U.R.: Pull-Up Resistor
Input
enable
Type M-A
Type Y-A
Middle-voltage input buffer
(Can withstand + 10 V)
(2/3)
P-ch
VDD
IN/OUT
Data
Output
disable
P.U.R.
enable
P.U.R.
P.U.R.: Pull-Up Resistor
N-ch
AVDD
AVSS
+
–
P-ch
IN
AVSS
AVDD
N-ch
Sampl-
ing C
Reference voltage
(from voltage tap of
series resistor string)
Output
disable
(N)
Output
disable
(P)
P-ch
VDD
P.U.R.
enable
P.U.R.
N-ch
(Can with-
stand + 10 V)
Data
Output
disable
IN/OUT
AVDD
AVSS
+
–
P-ch
IN
AVSS
AVDD
N-ch
Sampl-
ing C
Reference voltage
(from voltage tap of
series resistor string)
IN instruction
Input buffer
P.U.R.: Pull-Up Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com