Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5DS32M8AT Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 48Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 49Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 50Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 51Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 52Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 53Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 54Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 55Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
52
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Capacitance
Parameter
Symbol
Min.
Max.
Units
Notes
Input Capacitance: CK, CK
CI1
2.0
3.0
pF
1
Delta Input Capacitance: CK, CK
delta CI1
0.25
pF
1
Input Capacitance: All other input-only pins (except DM)
CI2
2.0
3.0
pF
1
Delta Input Capacitance: All other input-only pins (except DM)
delta CI2
0.5
pF
1
Input/Output Capacitance: DQ, DQS, DM
CIO
4.0
5.0
pF
1, 2
Delta Input/Output Capacitance: DQ, DQS, DM
delta CIO
0.5
pF
1
1. VDDQ = VDD = 2.5V ± 0.2V (minimum range to maximum range), f = 100MHz, TA = 25°C, VODC = VDDQ/2, VOPeak -Peak = 0.2V.
2. Although DM is an input-only pin, the input capacitance of this pin must model the input capacitance of the DQ and DQS pins. This is
required to match input propagation times of DQ, DQS and DM in the system.
DC Electrical Characteristics and Operating Conditions
(0°C
≤ T
A ≤ 70°C; VDDQ = 2.5V ± 0.2V, VDD = + 2.5V ± 0.2V, see AC Characteristics)
Symbol
Parameter
Min
Max
Units
Notes
VDD
Supply Voltage
2.3
2.7
V
1
VDDQ
I/O Supply Voltage
2.3
2.7
V
1
VSS, VSSQ
Supply Voltage
I/O Supply Voltage
0
0
V
VREF
I/O Reference Voltage
0.49 x VDDQ
0.51 x VDDQ
V
1, 2
VTT
I/O Termination Voltage (System)
VREF − 0.04
VREF + 0.04
V
1, 3
VIH(DC)
Input High (Logic1) Voltage
VREF + 0.15
VDDQ + 0.3
V
1
VIL(DC)
Input Low (Logic0) Voltage
− 0.3
VREF − 0.15
V
1
VIN(DC)
Input Voltage Level, CK and CK Inputs
− 0.3
VDDQ + 0.3
V
1
VID(DC)
Input Differential Voltage, CK and CK Inputs
0.30
VDDQ + 0.6
V
1, 4
VIRatio
V-I Matching Pullup Current to Pulldown Current Ratio
0.71
1.4
5
II
Input Leakage Current
Any input 0V
≤ V
IN ≤ VDD; (All other pins not under test = 0V)
− 5
5
µA
1
IOZ
Output Leakage Current
(DQs are disabled; 0V
≤ V
out ≤ VDDQ
− 5
5
µA
1
IOH
Output Current: Nominal Strength Driver
High current (VOUT= VDDQ -0.373V, min VREF, min VTT)
Low current (VOUT= 0.373V, max VREF, max VTT)
− 16.8
mA
1
IOL
16.8
IOHW
Output Current: Half- Strength Driver
High current (VOUT= VDDQ -0.763V, min VREF, min VTT)
Low current (VOUT= 0.763V, max VREF, max VTT)
− 9.0
mA
1
IOLW
9.0
1. Inputs are not recognized as valid until VREF stabilizes.
2. VREF is expected to be equal to 0.5 VDDQ of the transmitting device, and to track variations in the DC level of the same. Peak-to-peak
noise on VREF may not exceed ± 2% of the DC value.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and
must track variations in tHalf-he DC level of VREF.
4. VID is the magnitude of the difference between the input level on CK and the input level on CK.
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire tempera-ture and
voltage range, for device drain to source voltages for 0.25 volts to 1.0 volts. For a given output, it represents the maximum difference
between pullup and pulldown drivers due to process variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com