Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5DS32M8AT Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 49Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 50Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 51Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 52Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 53Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 54Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 55Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 56Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
53
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Normal Strength Driver Pulldown and Pullup Characteristics
1. The full variation in driver pulldown current from minimum to maximum process, temperature and voltage will lie within the
outer bounding lines of the V-I curve.
2. It is recommended that the “typical” IBIS pulldown V-I curve lie within the shaded region of the V-I curve.
3. The full variation in driver pullup current from minimum to maximum process, temperature and voltage will lie within the
outer bounding lines of the V-I curve.
4. It is recommended that the “typical” IBIS pullup V-I curve lie within the shaded region of the V-I curve.
5. The full variation in the ratio of the maximum to minimum pullup and pulldown current will
not exceed 1.7, for device
drain to source voltages from 0.1 to 1.0.
6. The full variation in the ratio of the “typical” IBIS pullup to “typical” IBIS pulldown current should be unity + 10%, for device
drain to source voltages from 0.1 to 1.0. This specification is a design objective only. It is not guaranteed.
7. These characteristics are intended to obey the SSTL_2 class II standard.
8. This specification is intended for DDR SDRAM only.
Normal Strength Driver Pulldown Characteristics
Normal Strength Driver Pullup Characteristics
0
2.7
0
140
VOUT (V)
Maximum
Typical High
Typical Low
Minimum
Maximum
Typical High
Typical Low
Minimum
VOUT (V)
2.7
0
0
-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com