Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5DS32M8AT Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # NT5DS32M8AT
Description  256Mb Double Data Rate SDRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT5DS32M8AT Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button NT5DS32M8AT Datasheet HTML 55Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 56Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 57Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 58Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 59Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 60Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 61Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 62Page - List of Unclassifed Manufacturers NT5DS32M8AT Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
NT5DS64M4AT NT5DS64M4AW
NT5DS32M8AT NT5DS32M8AW
256Mb Double Data Rate SDRAM
REV 1.1
12/2001
59
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
tIPW
Input pulse width
2.2
2.2
ns
2-4, 12
tRPRE
Read preamble
0.9
1.1
0.9
1.1
0.9
1.1
tCK
1-4
tRPST
Read postamble
0.40
0.60
0.40
0.60
0.40
0.60
tCK
1-4
tRAS
Active to Precharge command
45
120,000
45
120,000
50
120,000
ns
1-4
tRC
Active to Active/Auto-refresh command period
65
65
70
ns
1-4
tRFC
Auto-refresh to Active/Auto-refresh
command period
75
75
80
ns
1-4
tRCD
Active to Read or Write delay
20
20
20
ns
1-4
tRAP
Active to Read Command with Autoprecharge
20
20
20
ns
1-4
tRP
Precharge command period
20
20
20
ns
1-4
tRRD
Active bank A to Active bank B command
15
15
15
ns
1-4
tWR
Write recovery time
15
15
15
ns
1-4
tDAL
Auto precharge write recovery
+ precharge time
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK
1-4,13
tWTR
Internal write to read command delay
1
1
1
tCK
1-4
tXSNR
Exit self-refresh to non-read command
75
75
80
ns
1-4
tXSRD
Exit self-refresh to read command
200
200
200
tCK
1-4
tREFI
Average Periodic Refresh Interval
7.8
7.8
7.8
µs
1-4, 8
Electrical Characteristics & AC Timing for DDR266/DDR200 - Absolute Specifications
(0
°C ≤ T
A ≤ 70 °C; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC Characteristics) (Part 2 of 2)
Symbol
Parameter
DDR266A
(-7K)
DDR266B
(-75B)
DDR200
(-8B)
Unit
Notes
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com