Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP153F Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button STM32MP153F Datasheet HTML 27Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 28Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 29Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 30Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 31Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 32Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 33Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 34Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
7.5.3 PMIC_LDO2
PMIC_LDO2 is produced by LDO2 of the STPMIC1A. The input of LDO2 is brought out to the
PMIC_LDO25IN pin. By default, LDO2 is configured to operate at 1.8V and will not start
automatically. It can be programmed to have a voltage output from 1.7V to 3.3V.
In order to use PMIC_LDO2 or PMIC_LDO5, the PMIC_LDO25IN pin must be connected to a
power output that can supply the required voltage and current for both LDOs.
7.5.4 PMIC_LDO5
PMIC_LDO5 is produced by LDO5 of the STPMIC1A. The input of LDO is brought out to the
PMIC_LDO25IN pin. By default, LDO5 is configured to operate at 2.9V and will start
automatically
10ms after a “Turn_ON” condition. It can be programmed to have a voltage
output from 1.7V to 3.3V
The PMIC_LDO5 output is internally connected to VDDA power input pin of STM32MP15x. This
input powers the Analog domain (ADC/DAC/VREFBUF) of the STM32MP15x processor.
In order to use PMIC_LDO2 or PMIC_LDO5, the PMIC_LDO25IN pin must be connected to a
power output that can supply the required voltage and current for both LDOs.
7.5.5 PMIC_LDO6
PMIC_LDO6 is produced by LDO6 of the STPMIC1A. The input of LDO6 is tied to
PMIC_VOUT4 (Buck4 Output) internal to the OSD32MP15x. By default, LDO6 is configured to
operate at 1.0V and will not start automatically. It can be programmed to have a voltage output
from 0.9V to 3.3V.
Note that PMIC_LDO1 and PMIC_LDO6 are powered by PMIC_VOUT4. The total load on
these LDOs plus any external load on PMIC_VOUT4 must not exceed the capabilities of the
Buck4 regulator outlined in Section 8.
7.5.6 PMIC_BSTOUT
PMIC_BSTOUT is the output of the integrated Boost converter in the STPMIC1A. The input to
the Boost converter is brought out to the PMIC_BSTIN pin. The OSD32MP15x also integrates
an input inductor and capacitor so only a voltage input needs to be provided to use the boost
converter (i.e. PMIC_BSTIN is not directly connected to VLXBST).
The Boost converter has a fixed output voltage of 5.2V and is designed to power USB devices.
It also supports the BYPASS mode as described in the STPMIC datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com