Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP153F Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # STM32MP153F
Description  ST STM32MP15x, DDR3L, STPMIC1A,4KB EEPROM, Oscillator and passive components integrated into a single package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STM32MP153F Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button STM32MP153F Datasheet HTML 29Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 30Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 31Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 32Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 33Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 34Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 35Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 36Page - List of Unclassifed Manufacturers STM32MP153F Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
OSD32MP15x Datasheet
Rev. 7 11/30/2022
Octavo Systems LLC
Copyright 2020-2022
The VDD Pins are separated into two (2) logical groups in the ball map. Each pin in the
respective group must be connected to the other pins in that same group. The two
groups do not need to be connected to each other. Specifically Pins M4, L4, and K4
must be connected together and Pins M7, L7, K7, J7, H7, and G7 must be connected
together.
7.6.4 VTT_DDR
VTT_DDR is generated by LDO3 in the STPMIC1A. It provides power to the DDR VTT. By
default, its voltage is 1.8V. See Table 7-1 for required STPMIC1A configuration of this voltage
rail.
7.6.5 VDD3V3_USB
VDD3V3_USB is generated by LDO4 in the STPMI1A. It provides power for the VDD_USB
power domain of the STM32MP15x. By default, its voltage is 3.3V. See Table 7-1 for required
STPMIC1A configuration of this voltage rail.
7.6.6 VREF_DDR
VREF_DDR is generated by VREFDDR in the STPMI1A. It provides power for the reference
voltage for the integrated DDR. By default, its voltage is 0.55V. See Table 7-1 for required
STPMIC1A configuration of this voltage rail.
7.6.7 VDD1V2_DSI_REG
VDD1V2_DSI_REG is generated by the VDDA1V2_DSI_REG regulator in the STM32MP15x. It is
connected internally within the OSD32MP15x to VDD1V2_DSI_PHY. Its voltage is 1.2V.
7.6.8 VDDA1V1_REG
VDDA1V1_REG is generated by the VDDA1V1_REG regulator in the STM32MP15x. Its voltage is
1.1V.
7.6.9 VDDA1V8_REG
VDDA1V8_REG is generated by the VDDA1V8_REG regulator in the STM32MP15x. It is connected
internally within the OSD32MP15x to VDDA1V8_DSI. Its voltage is 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com