Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19116-E/MJ Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP19116-E/MJ
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116-E/MJ Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP19116-E/MJ Datasheet HTML 36Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 37Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 38Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 39Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 40Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 41Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 42Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 43Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 246 page
background image
MCP19116/7
DS20005479D-page 40
 2015-2020 Microchip Technology Inc.
bit 3
OVLOEN: OVLO Comparator Module Logic enable bit
1 = OVLO Comparator Module Logic enabled
0 = OVLO Comparator Module Logic disabled
bit 2
OVLOOUT: Overvoltage Lockout Status Output bit
1 = OVLO event has occurred
0 = No OVLO event has occurred
bit 1
OVLOINTP: OVLO Comparator Interrupt on Positive Going Edge Enable bit
1 = The OVLOIF interrupt flag will be set upon a positive going edge of the OVLO
0 = No OVLOIF interrupt flag will be set upon a positive going edge of the OVLO
bit 0
OVLOINTN: OVLO Comparator Interrupt on Negative Going Edge Enable bit
1 = The OVLOIF interrupt flag will be set upon a negative going edge of the OVLO
0 = No OVLOIF interrupt flag will be set upon a negative going edge of the OVLO
REGISTER 6-2:
VINUVLO: INPUT UNDERVOLTAGE LOCKOUT REGISTER
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
UVLO5
UVLO4
UVLO3
UVLO2
UVLO1
UVLO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
UVLO<5:0>: Undervoltage Lockout Configuration bits
UVLO(V) = 3.5472 * (1.0285N) where N = the decimal value written to the VINUVLO Register
from 0 to 63
REGISTER 6-3:
VINOVLO: INPUT OVERVOLTAGE LOCKOUT REGISTER
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
OVLO5
OVLO4
OVLO3
OVLO2
OVLO1
OVLO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
OVLO<5:0>: Overvoltage Lockout Configuration bits
OVLO(V) = 7.4847 * (1.0286N) where N = the decimal value written to the VINOVLO Register
from 0 to 63
REGISTER 6-1:
VINCON: UVLO AND OVLO COMPARATOR CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com