Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19116-E/MJ Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP19116-E/MJ
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116-E/MJ Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP19116-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 71
MCP19116/7
FIGURE 10-3:
ASYNCHRONOUS TRANSMISSION (BACK TO BACK)
10.3.2
ASYNCHRONOUS RECEIVE MODE
The receiver block diagram is shown in Figure 10-4.
The data is received on the GPB7/RX/DT/CCD pin
and drives the data recovery block. The data recovery
block is a shifter operating at x64, x16 or x4 times the
baud rate. The main receive serial shifter operates at
the bit rate or at Fosc. Once asynchronous mode is
selected, reception is enabled by setting the CREN
(RCSTA<4>) bit.
The heart of the receiver is the receive (serial) shift
register (RSR). After sampling the Stop bit, the
received data in the RSR is transferred to RCREG (if
empty). If the transfer is complete, flag bit RCIF
(PIR1<6>) is set. The interrupt can be enabled by set-
ting the RCIE (PIE1<6>) bit. Flag bit RCIF is read-only
and cleared by hardware. It is cleared when RCREG
has been read and is empty. RCREG is double buff-
ered (two deep FIFO). It is possible for two bytes of
data to be received and transferred to the RCREG
FIFO and a third byte to begin shifting to the RSR. On
detection of the Stop bit of the third byte, if RCREG is
full, the overrun error bit OERR (RCSTA<1>) will be
set. The word in RSR will be lost. RCREG can be read
twice to retrieve the two bytes in the FIFO. Overrun bit
OERR has to be cleared in software. This is done by
resetting the receive logic (CREN is cleared and then
set). If bit OERR is set, transfers from the RSR register
to RCREG are inhibited, and no further data will be
received. The OERR bit can then be cleared in soft-
ware. Framing error bit FERR (RCSTA<2>) is set if a
Stop bit is detected as clear. The FERR bit and the
ninth receive bit are buffered the same way as the
receive data. Reading the RCREG will load bits RX9D
and FERR with new values. The user will need to read
the RCSTA register before reading RCREG in order to
not lose the old FERR and RX9D data.
The USART module has a special provision for
multi-processor communication. When the RX9 bit is
set in the RCSTA register, nine bits are received and
the ninth bit is placed in the RX9D status bit of the
RSTA register. The port can be programmed such that
when the Stop bit is received, the serial port interrupt
will only activate if the RX9D bit is set. This feature is
enabled by setting the ADDEN bit in the RCSTA regis-
ter and can be used in a multi-processor system as
indicated in this section.
To transmit a block of data in a multi-processor
system, the master processor must first send an
address byte that identifies the target slave. An
address byte is identified by the RX9D bit being a ‘1’
(instead of a ‘0’ for a data byte). If the ADDEN bit is set
in the slave’s RCSTA register, all data bytes will be
ignored. However, if the ninth received bit is equal to a
‘1’, indicating that the received byte is an address, the
slave will be interrupted and the contents of the
Receive Shift Register (RSR) will be transferred into
the receive buffer. This allows the slave to be
interrupted only by addresses, so that the slave can
examine the received byte to see if it is addressed.
The addressed slave will then clear its ADDEN bit and
prepare to receive data bytes from the master.
When the ADDEN bit is set, all data bytes are ignored.
Following the Stop bit, the data will not be loaded into
the receive buffer and no interrupt will occur. If another
byte is shifted into the RSR, the previous data byte will
be lost.
The ADDEN bit will only take affect when the receiver
is configured in 9-bit mode.
To indicate that a reception is in progress, the RCIDL
bit (BAUDCTL<6>) reflects the current state of the
receive operation. This bit is cleared (‘0’) on the lead-
ing edge of a start bit and set (‘1’) upon the end of a
Stop bit. A ‘1’ value in the RCIDL bit signifies that the
receive state machine is idle. The RCIDL bit is
read-only and is valid for both Asynchronous and Syn-
chronous receptions. No interrupt is associated with
the RCIDL bit. See Figures 10-5, 10-6 and 10-7 for
timing details of the RCIDL signal.
Transmit Shift Reg.
Write to TXREG
BRG output
(shift clock)
TX (pin)
TRMT bit
(Transmit shift
WORD 1
WORD 2
WORD 1
WORD 2
Start Bit
Stop Bit
Start Bit
Transmit Shift Reg.
WORD 1
WORD 2
Bit 0
Bit 1
Bit 7/8
Bit 0
Note: This timing diagram shows two consecutive transmissions.
TXIF bit
(Transmit buffer
reg. empty flag)
reg. empty flag)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com