Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19116-E/MJ Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP19116-E/MJ
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116-E/MJ Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP19116-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 52Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 246 page
background image
 2015-2020 Microchip Technology Inc.
DS20005479D-page 49
MCP19116/7
6.9
VREF2 Voltage Reference
The VREF2CON register controls a second reference
DAC that can be used externally. For example, it can be
sent off-chip and used to set the current regulation set
point for a MCP1631 Pulse-Width Modulator. The
MCP19116/7 must be configured in Master Mode with
bits MSC<0:1> = 01 in the MODECON register to
connect VREF2 to GPB1. In Stand-Alone mode, VREF2
is not accessible. VREFCON2 holds the digital value
used to set the VREF2 DAC. Since this reference is
intended to go off-chip, there is no pedestal offset
associated with it and it is referenced to GND. It is an
8-bit linear DAC and has a range from 0V to 1.23V (BG)
equating to 255 steps at 4.8 mV/step.
6.10
Analog Peripheral Control
The MCP19116/7 devices have several analog
peripherals, such as the PDRV and SDRV peripherals,
and a weak pull-up on the ISP input.
PDRV and SDRV peripherals are enabled using single
bits, PDRVEN and SDRVEN. The weak pull-up on the
ISP input is enabled using the ISPUEN bit.
These peripherals can be configured to allow
customizable operation. Refer to Register 6-13 for
more information.
6.10.1
MOSFET GATE DRIVER ENABLES
The MCP19116/7 can enable and/or disable the
MOSFET gate driver outputs for the primary drive
(PDRV)
and
the
secondary
drive
(SDRV)
independently. Setting the <PDRVEN> bit in the PE1
register enables the primary drive. Setting the
<SDRVEN> bit in the PE1 register enables the
secondary drive. Refer to Register 6-13 for details.
6.10.2
MOSFET DRIVER DEAD TIME
The MOSFET drive dead time can be adjusted as
described
in
Section 6.7
“MOSFET
Driver
Programmable Dead Time”. The dead time can be
set independently for each driver from 16 ns to 256 ns
in increments of 16 ns using the DEADCON register.
Dead time can also be disabled for each driver
independently by setting the bypass bits <PDRVBY>
and <SDRVBY> in the PE1 register.
6.10.3
SECONDARY CURRENT POSITIVE
SENSE PULL-UP
A high-impedance pull-up on the ISP pin can be
configured by setting the <ISPUEN> bit in the PE1
register. When set, the ISP pin is internally pulled-up to
VDD. Refer to Register 6-13 for details.
6.10.4
PWM STEERING
The MCP19116/7 devices have additional control
circuitry to allow open-loop repositioning of the output.
The PWMSTR_PEN bit enables a primary-only PWM
signal of fixed frequency and duty cycle to reposition
the output voltage up. The PWMSTR_SEN bit enables
a secondary-only PWM signal of fixed frequency and
duty cycle to reposition the output voltage down. When
repositioning output voltage down, the output
overvoltage protection must be active along with
PWMSTR_SEN for the PWM to pulse the SDRV.
Frequency and duty cycle are controlled through TMR2
registers PR2 and TMR1L. PWMSTPR_PEN and
PWMSTR_SEN should never be active at the same
time, therefore PWMSTPR_PEN is the dominant bit.
For
quasi-resonant
operation
during
open-loop
repositioning, the DESAT comparator output should be
disabled with the <CDSOE> bit in the DEADCON
register.
REGISTER 6-12:
VREF2CON: VREF2 VOLTAGE SET POINT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREF27
VREF26
VREF25
VREF24
VREF23
VREF22
VREF21
VREF20
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
VREF2<7:0>: Voltage Controlling Current Regulation Set Point bits
VREF2(V) = VBG * N/255 where N is the decimal value written to the VREF2CON Register
<VREF27:VREF20> from 0 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com