Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19116-E/MJ Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP19116-E/MJ
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116-E/MJ Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP19116-E/MJ Datasheet HTML 12Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 13Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 14Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 15Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 16Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 17Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 18Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19116-E/MJ Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 246 page
background image
MCP19116/7
DS20005479D-page 16
 2015-2020 Microchip Technology Inc.
2.1.8
GPB0 PIN
GPB0 is a true open-drain general-purpose pin whose
data direction is controlled in TRISGPB. There is no
internal connection between this pin and device VDD.
This pin does not have a weak pull-up, but
interrupt-on-change
is
available.
When
the
MCP19116/7 are configured for I2C communication,
GPB0 functions as the I2C data (SDA). This pin must
be configured as an input to allow proper operation. For
more information, refer to Section 29.2 “I2C Mode
Overview”.
2.1.9
GPB1 PIN
GPB1 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN4 is an input to the A/D. To configure this pin to be
read by the A/D on channel 4, bits TRISB1 and ANSB1
must be set.
MCP19116 Only: TX is the USART Asynchronous
serial transmit.
MCP19116 Only: CK is the USART Synchronous serial
clock.
When the MCP19116/7 are configured as a master, this
pin is configured to be the VREF2 DAC output.
2.1.10
GPB4 PIN (MCP19117 ONLY)
GPB4 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN5 is an input to the A/D. To configure this pin to be
read by the A/D on channel 5, bits TRISB4 and ANSB4
must be set.
ICSPDAT is the primary serial-programming data I/O
function. This is used in conjunction with ICSPCLK to
serial program the device.
2.1.11
GPB5 PIN (MCP19117 ONLY)
GPB5 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN6 is an input to the A/D. To configure this pin to be
read by the A/D on channel 6, bits TRISB5 and ANSB5
must be set.
ICSPCLK is the primary serial-programming clock
function. This is used in conjunction with ICSPDAT to
serial program the device.
2.1.12
GPB6 PIN (MCP19117 ONLY)
GPB6 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
AN7 is an input to the A/D. To configure this pin to be
read by the A/D on channel 7, bits TRISB6 and ANSB6
must be set.
MCP19117 Only: TX is the USART Asynchronous
serial transmit.
MCP19117 Only: CK is the USART Synchronous serial
clock.
2.1.13
GPB7 PIN (MCP19117 ONLY)
GPB7 is a general purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPB. An
internal weak pull-up and interrupt-on-change are also
available.
RX is the USART Asynchronous serial receive.
DT is the USART Synchronous serial clock.
For more information, refer to Section 10.0 “Address-
able USART Module”
GPB7 is the CCD2 output Compare. For more informa-
tion, refer to Section 28.0 “Dual Capture/Compare
(CCD) Module”.
2.1.14
DESATN PIN
Internal comparator inverting input. Used during
Quasi-Resonant operation for desaturation detection.
2.1.15
DESATP/ISOUT PIN
When using the internal comparator for desaturation
detection during Quasi-Resonant operation, this pin
connects to the comparator’s noninverting input. The
output of the remote sense current-sense amplifier gets
configured to utilize the 5 k
 internal feedback resistor.
When not utilizing the internal comparator and not
configured to use the 5 k
 internal feedback resistor,
the current sense amplifier gets connected to this pin
and is ISOUT.
2.1.16
ISP PIN
The noninverting input to internal current-sense
amplifier, typically used to differentially remote-sense
secondary current. This pin can be internally pulled-up
to VDD by setting the <ISPUEN> bit in the PE1 register.
2.1.17
ISN PIN
The inverting input to internal current-sense amplifier,
typically used to differentially remote-sense secondary
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com