Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/ML Datasheet(PDF) 8 Page - Microchip Technology

Part # MRF24J40-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/ML Datasheet(HTML) 8 Page - Microchip Technology

Back Button MRF24J40-I/ML Datasheet HTML 4Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 5Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 6Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 7Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 8Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 9Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 10Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 11Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 151 page
background image
2.2
Block Diagram
FIGURE 2-1:
MRF24J40 ARCHITECTURE BLOCK DIAGRAM
Filter
RSSI
ADC
ADC
ADC
RX
Baseband
TX
Baseband
DAC
DAC
Frequency
Synthesizer
RF
PHY
MAC
FCS
Checker
Frame
Checker
RXMAC
Interrupts
MEMORY
RXFIFO
Security
Key FIFO
TXNFIFO
TXBFIFO
TXG1FIFO
TXG2FIFO
Control
Registers
LNA
PA
FCS
Generator
Packet
Retriever
Superframe
State
Machine
CSMA-CA
TXMAC
Interface
SPI
GPIO
Power
Management
Security
Engine
32 kHz
Crystal
Oscillator
SLEEP CLOCK
100 kHz
Internal
Oscillator
20MHz
Crystal
Oscillator
4
6
INT
WAKE
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com