Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/ML Datasheet(PDF) 97 Page - Microchip Technology

Part # MRF24J40-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/ML Datasheet(HTML) 97 Page - Microchip Technology

Back Button MRF24J40-I/ML Datasheet HTML 93Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 94Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 95Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 96Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 97Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 98Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 99Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 100Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 151 page
background image
 2021 Microchip Technology Inc.
Preliminary
DS30009776E-page 97
MRF24J40
3.7
Link Quality Indication (LQI)
Link Quality Indication (LQI) is a characterization of
strength or quality of a received packet. Several
metrics, for example, RSSI, Signal to Noise Ratio
(SNR), RSSI combined with SNR, etc., can be used for
measuring link quality. Using RSSI or SNR alone may
not be the best way to estimate the quality of a link. The
received RSSI value will be a very high value if a packet
is received with greater signal strength or even if an
interferer is present in the channel. Hence, for better
approximation of link quality, the MRF24J40 reports the
correlation degree between spreading sequences and
the incoming chips during the reception of a packet.
This correlation value must be directly mapped to a
range of 0-255 (256 values) using software, where an
LQI value of 0 indicates that the quality of the link is
very low, and an LQI value of 255 indicates the quality
of the link is very high. The correlation degree between
spreading sequences and incoming chips is computed
over a period of 3 symbol periods during the reception
of the preamble of a packet.
EQUATION 3-1:
LQI
LQI (0-255) = (CORR - a).b
where,
• CORR = LQI reported along with each packet in
the RX FIFO, as shown in Figure 3-2.
• a = 50
•b = 4
- Values of ‘a’ and ‘b’ are found empirically
based on Packet Error Rate (PER) measure-
ments as a function of the correlation value.
3.8
Beacon-Enabled and
Nonbeacon-Enabled Networks
The IEEE 802.15.4 Standard defines two modes of
operation:
• Beacon-enabled network
• Nonbeacon-enabled network
3.8.1
BEACON-ENABLED NETWORK
In a beacon-enabled network, beacons will be transmit-
ted periodically by the PAN coordinator. These
beacons are mainly used to provide synchronization
services between all the devices in the PAN and also to
support other extended features, like Guaranteed Time
Slots (GTS), a Quality of Service (QoS) mechanism for
the IEEE 802.15.4 Standard. The PAN coordinator
defines the structure of the superframe using beacons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com