Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24J40-I/ML Datasheet(PDF) 16 Page - Microchip Technology

Part # MRF24J40-I/ML
Description  IEEE 802.15.4™ 2.4 GHz RF Transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40-I/ML Datasheet(HTML) 16 Page - Microchip Technology

Back Button MRF24J40-I/ML Datasheet HTML 12Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 13Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 14Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 15Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 16Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 17Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 18Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 19Page - Microchip Technology MRF24J40-I/ML Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 151 page
background image
MRF24J40
DS30009776E-page 16
Preliminary
 2021 Microchip Technology Inc.
2.15
Control Register Description
Control registers provide control, status and device
addressing for MRF24J40 operations. The following
figures, tables and register definitions describe the
control register operation.
2.15.1
CONTROL REGISTER MAP
FIGURE 2-11:
SHORT ADDRESS CONTROL REGISTER MAP FOR MRF24J40
FIGURE 2-12:
LONG ADDRESS CONTROL REGISTER MAP FOR MRF24J40
RXMCR
0x00
PANIDL
0x01
PANIDH
0x02
SADRL
0x03
SADRH
0x04
EADR0
0x05
EADR1
0x06
EADR2
0x07
EADR3
0x08
EADR4
0x09
EADR5
0x0A
EADR6
0x0B
EADR7
0x0C
RXFLUSH
0x0D
Reserved
0x0E
0x0F
0x10
0x11
0x12
0x13
0x14
0x15
0x16
0x17
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
Reserved
ORDER
TXMCR
ACKTMOUT
ESLOTG1
SYMTICKL
SYMTICKH
PACON0
PACON1
PACON2
Reserved
TXBCON0
TXNCON
TXG1CON
TXG2CON
ESLOTG23
ESLOTG45
ESLOTG67
0x20
TXPEND
0x21
WAKECON
0x22
FRMOFFSET
0x23
TXSTAT
0x24
TXBCON1
0x25
GATECLK
0x26
TXTIME
0x27
HSYMTMRL
0x28
HSYMTMRH
0x29
SOFTRST
0x2A
Reserved
0x2B
SECCON0
0x2C
SECCON1
0x2D
TXSTBL
0x2E
0x2F
0x30
0x31
0x32
0x33
0x34
0x35
0x36
0x37
0x38
0x39
0x3A
0x3B
0x3C
0x3D
0x3E
0x3F
Reserved
RXSR
INTSTAT
INTCON
GPIO
TRISGPIO
SLPACK
RFCTL
SECCR2
BBREG0
BBREG1
BBREG2
BBREG3
BBREG4
Reserved
BBREG6
CCAEDTH
RFCON0
0x200
RFCON1
0x201
RFCON2
0x202
RFCON3
0x203
Reserved
0x204
RFCON5
0x205
RFCON6
0x206
RFCON7
0x207
RFCON8
0x208
SLPCAL0
0x209
SLPCAL1
0x20A
SLPCAL2
0x20B
Reserved
0x20C
Reserved
0x20D
Reserved
0x20E
0x20F
0x210
0x211
0x212
0x213
0x214
0x215
0x216
0x217
0x218
0x219
0x21A
0x21B
0x21C
0x21D
0x21E
0x21F
RFSTATE
RSSI
SLPCON0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SLPCON1
0x220
Reserved
0x221
WAKETIMEL
0x222
WAKETIMEH
0x223
REMCNTL
0x224
REMCNTH
0x225
MAINCNT0
0x226
MAINCNT1
0x227
MAINCNT2
0x228
MAINCNT3
0x229
0x22A
Reserved
0x22B
Reserved
0x22C
Reserved
0x22D
Reserved
0x22E
0x22F
ox230
0x231
0x232
0x233
0x234
0x235
0x236
0x237
0x238
0x239
0x23A
0x23B
0x23C
0x23D
0x23E
0x23F
TESTMODE
ASSOEADR0
ASSOSADR0
Reserved
Reserved
Unimplemented
Unimplemented
Unimplemented
Unimplemented
UPNONCE4
0x244
0x245
UPNONCE6
0x246
UPNONCE7
0x247
UPNONCE8
0x248
UPNONCE9
0x249
UPNONCE10
0x24A
UPNONCE11
0x24B
UPNONCE12
0x24C
UPNONCE5
ASSOEADR1
ASSOEADR2
ASSOEADR3
ASSOEADR4
ASSOEADR5
ASSOEADR6
ASSOEADR7
ASSOSADR1
Reserved
0x240
0x241
0x242
0x243
UPNONCE0
UPNONCE1
UPNONCE2
UPNONCE3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com