Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6P Datasheet(PDF) 15 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 11Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 12Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 13Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 14Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 15Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 16Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 17Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 18Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
M25P64
Operating features
15/49
4.7
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25P64 features the following data protection mechanisms:
●
Power On Reset and an internal timer (tPUW) can provide protection against inadvertant
changes while the power supply is outside the operating specification.
●
Program, Erase and Write Status Register instructions are checked that they consist of
a number of clock pulses that is a multiple of eight, before they are accepted for
execution.
●
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Write Status Register (WRSR) instruction completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
●
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as
read-only. This is the Software Protected Mode (SPM).
●
The Write Protect (W/VPP) signal allows the Block Protect (BP2, BP1, BP0) bits and
Status Register Write Disable (SRWD) bit to be protected. This is the Hardware
Protected Mode (HPM).
Table 2.
Protected area sizes
Status Register
content
Memory content
BP2
Bit
BP1
Bit
BP0
Bit
Protected area
Unprotected area
0
0
0
none
All sectors(1) (128 sectors: 0 to 127)
1.
The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are
0.
0
0
1
Upper 64th (2 sectors: 126 and 127)
Lower 63/64ths (126 sectors: 0 to 125)
0
1
0
Upper 32nd (4 sectors: 124 to 127)
Lower 31/32nds (124 sectors: 0 to 123)
0
1
1
Upper sixteenth (8 sectors: 120 to
127)
Lower 15/16ths (120 sectors: 0 to 119)
1
0
0
Upper eighth (16 sectors: 112 to 127)
Lower seven-eighths (112 sectors: 0 to
111)
1
0
1
Upper quarter (32 sectors: 96 to 127)
Lower three-quarters (96 sectors: 0 to
95)
1
1
0
Upper half (64 sectors: 64 to 127)
Lower half (64 sectors: 0 to 63)
1
1
1
All sectors (128 sectors: 0 to 127)
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com