Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M25P64-VMF6P Datasheet(PDF) 19 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 15Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 16Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 17Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 18Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 19Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 20Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 21Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 22Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
M25P64
Memory organization
19/49
92
5C0000h
5CFFFFh
91
5B0000h
5BFFFFh
90
5A0000h
5AFFFFh
89
590000h
59FFFFh
88
580000h
58FFFFh
87
570000h
57FFFFh
86
560000h
56FFFFh
85
550000h
55FFFFh
84
540000h
54FFFFh
83
530000h
53FFFFh
82
520000h
52FFFFh
81
510000h
51FFFFh
80
500000h
50FFFFh
79
4F0000h
4FFFFFh
78
4E0000h
4EFFFFh
77
4D0000h
4DFFFFh
76
4C0000h
4CFFFFh
75
4B0000h
4BFFFFh
74
4A0000h
4AFFFFh
73
490000h
49FFFFh
72
480000h
48FFFFh
71
470000h
47FFFFh
70
460000h
46FFFFh
69
450000h
45FFFFh
68
440000h
44FFFFh
67
430000h
43FFFFh
66
420000h
42FFFFh
65
410000h
41FFFFh
64
400000h
40FFFFh
63
3F0000h
3FFFFFh
62
3E0000h
3EFFFFh
61
3D0000h
3DFFFFh
60
3C0000h
3CFFFFh
59
3B0000h
3BFFFFh
58
3A0000h
3AFFFFh
Table 3.
Memory organization (continued)
Sector
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com